전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LBQ39E-N1OO-35-1 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 LBQ39E-N1OO-35-1
상세설명  LCD Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBQ39E-N1OO-35-1 데이터시트(HTML) 3 Page - OSRAM GmbH

  LBQ39E-N1OO-35-1 Datasheet HTML 1Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 2Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 3Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 4Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 5Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 6Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 7Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 8Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Version 1.3
LB Q39E
2015-09-01
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-30 ... 85
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 85
°C
Junction temperature
Sperrschichttemperatur
Tj
95
°C
Forward current
Durchlassstrom
(T
A = 25 °C)
I
F
15
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; TA = 25 °C)
IFM
100
mA
Reverse voltage
Sperrspannung
(T
A = 25 °C)
VR
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
V
ESD
8
kV


유사한 부품 번호 - LBQ39E-N1OO-35-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LBQ39E-N1OO-35-1 OSRAM-LBQ39E-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
More results

유사한 설명 - LBQ39E-N1OO-35-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LBQ39G-N1OO-35-1 OSRAM-LBQ39G-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
LCD Backlighting
KWDPLS31.SB OSRAM-KWDPLS31.SB Datasheet
778Kb / 24P
LCD Backlighting
LYCN5M OSRAM-LYCN5M Datasheet
3Mb / 21P
LCD Backlighting
LBQ39G OSRAM-LBQ39G Datasheet
1Mb / 21P
LCD Backlighting
LDCN5M OSRAM-LDCN5M Datasheet
973Kb / 21P
LCD Backlighting
KWDPLS31.MB OSRAM-KWDPLS31.MB Datasheet
778Kb / 25P
LCD Backlighting
LTQ39E OSRAM-LTQ39E Datasheet
1Mb / 21P
LCD Backlighting
LWL28G OSRAM-LWL28G_15 Datasheet
576Kb / 23P
LCD Backlighting
LWL283 OSRAM-LWL283_15 Datasheet
525Kb / 23P
LCD Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com