전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LBQ39E-N1OO-35-1 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 LBQ39E-N1OO-35-1
상세설명  LCD Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBQ39E-N1OO-35-1 데이터시트(HTML) 5 Page - OSRAM GmbH

  LBQ39E-N1OO-35-1 Datasheet HTML 1Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 2Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 3Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 4Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 5Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 6Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 7Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 8Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.3
LB Q39E
2015-09-01
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 20
Durchlassspannungsgruppen 3) Seite 20
Dominant Wavelength Groups 2) page 20
Dominant Wellenlängengruppen 2) Seite 20
Group
Luminous Intensity 1) page 20
Luminous Intensity 1) page 20
Luminous Flux 6) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 6) Seite 20
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
L2
14
18
70
M1
18
22.4
80
M2
22.4
28
110
N1
28
35.5
130
N2
35.5
45
170
P1
45
56
210
P2
56
71
270
Q1
71
90
340
Q2
90
112
420
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3X
2.60
2.70
3Y
2.70
2.80
3Z
2.80
2.90
4X
2.90
3.00
4Y
3.00
3.10
Group
blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
3
464
468
4
468
472
5
472
476
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


유사한 부품 번호 - LBQ39E-N1OO-35-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LBQ39E-N1OO-35-1 OSRAM-LBQ39E-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
More results

유사한 설명 - LBQ39E-N1OO-35-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LBQ39G-N1OO-35-1 OSRAM-LBQ39G-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
LCD Backlighting
KWDPLS31.SB OSRAM-KWDPLS31.SB Datasheet
778Kb / 24P
LCD Backlighting
LYCN5M OSRAM-LYCN5M Datasheet
3Mb / 21P
LCD Backlighting
LBQ39G OSRAM-LBQ39G Datasheet
1Mb / 21P
LCD Backlighting
LDCN5M OSRAM-LDCN5M Datasheet
973Kb / 21P
LCD Backlighting
KWDPLS31.MB OSRAM-KWDPLS31.MB Datasheet
778Kb / 25P
LCD Backlighting
LTQ39E OSRAM-LTQ39E Datasheet
1Mb / 21P
LCD Backlighting
LWL28G OSRAM-LWL28G_15 Datasheet
576Kb / 23P
LCD Backlighting
LWL283 OSRAM-LWL283_15 Datasheet
525Kb / 23P
LCD Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com