전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F413ZG 데이터시트(PDF) 205 Page - STMicroelectronics

부품명 STM32F413ZG
상세설명  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413ZG 데이터시트(HTML) 205 Page - STMicroelectronics

Back Button STM32F413ZG Datasheet HTML 199Page - STMicroelectronics STM32F413ZG Datasheet HTML 200Page - STMicroelectronics STM32F413ZG Datasheet HTML 201Page - STMicroelectronics STM32F413ZG Datasheet HTML 202Page - STMicroelectronics STM32F413ZG Datasheet HTML 203Page - STMicroelectronics STM32F413ZG Datasheet HTML 204Page - STMicroelectronics STM32F413ZG Datasheet HTML 205Page - STMicroelectronics STM32F413ZG Datasheet HTML 206Page - STMicroelectronics STM32F413ZG Datasheet HTML 207Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 205 / 207 page
background image
DocID029162 Rev 2
205/207
STM32F413xG/H
Application block diagrams
205
Figure 88. USB peripheral-only Full speed mode, VBUS detection using GPIO
1. External voltage regulator only needed when building a VBUS powered device.
Figure 89. USB controller configured as host-only and used in full speed mode
2. The current limiter is required only if the application has to support a VBUS powered device. A basic power
switch can be used if 5 V are available on the application board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More