| 전자부품 데이터시트 검색엔진 |
|
TP1.5KE 데이터시트(PDF) 4 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
TP1.5KE 데이터시트(HTML) 4 Page - Littelfuse |
|
4 / 5 page ![]() Transient Voltage Suppression Diodes ©2016 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 05/25/16 Axial Leaded – 1500W > TP1.5KE series Physical Specifications Weight 0.045oz., 1.2g Case JEDEC DO-201 molded plastic body over passivated junction. Polarity Color band denotes the cathode except Bipolar. Terminal Matte Tin axial leads, solderable per JESD22-B102. Soldering Parameters Time (t) Ts(min) Ts(max) TL TP ts Preheat tL tp Ramp-up Critical Zone TL to TP Ramp-down t 25˚C to Peak 25˚C Reflow Condition Lead–free assembly Pre Heat - Temperature Min (T s(min)) 150°C - Temperature Max (T s(max)) 200°C - Time (min to max) (t s) 60 – 180 secs Average ramp up rate (Liquidus Temp (T A) to peak 3°C/second max T S(max) to TA - Ramp-up Rate 3°C/second max Reflow - Temperature (T A) (Liquidus) 217°C - Time (min to max) (t s) 60 – 150 seconds Peak Temperature (T P) 260+0/-5 °C Time within 5°C of actual peak Temperature (t p) 20 – 40 seconds Ramp-down Rate 6°C/second max Time 25°C to peak Temperature (T P) 8 minutes Max. Do not exceed 260°C Flow/Wave Soldering (Solder Dipping) Peak Temperature : 265OC Dipping Time : 10 seconds Soldering : 1 time Environmental Specifications High Temp. Storage JESD22-A103 HTRB JESD22-A108 Temperature Cycling JESD22-A104 H3TRB JESD22-A101 RSH JESD22-B106 0 20 40 60 80 100 120 140 160 180 200 110 100 Number of Cycles at 60 Hz Figure 7 - Maximum Non-Repetitive Peak Forward Surge Current Uni-Directional Only Ratings and Characteristic Curves (T A=25°C unless otherwise noted) (Continued) VF-Peak Forward Voltage(V) 0.1 1.0 10.0 100.0 0.01.0 2.03.0 4.05.0 6.07.0 8.09.0 Figure 8 - Peak Forward Voltage Drop vs Peak Forward Current (Typical Values) |
유사한 부품 번호 - TP1.5KE |
|
유사한 설명 - TP1.5KE |
|
|
|
링크 URL |
| 개인정보취급방침 |
| ALLDATASHEET.CO.KR |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |