전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2222A 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 2N2222A
상세설명  Radiation Hardened NPN Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N2222A 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N2222A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N2222A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N2222A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N2222A Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 2N2222A Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 2N2222A Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Radiation Hardened NPN Silicon Switching Transistors
Rev. V1
2N2221A, L, UA, UB &
2N2222A, L, UA, UB
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Qualified to MIL-PRF-19500/255
 Levels
JANSM-3K Rads (Si)
JAN
JANSD-10K Rads (Si) JANTX
JANSP-30K Rads (Si) JANTXV
JANSL-50K Rads (Si)
JAN
JANSR-100K Rads (Si)
 TO-18 (TO-206AA), Surface mount UA & UB
Packages
Applications
 Switching and Linear Applications
 DC and VHF Amplifier Applications
Electrical Specifications @ TA = 25°C
(Continued next page)
Parameter
Test Conditions
Symbol Units Minimum Maximum
Off Characteristics:
Collector - Emitter Breakdown
IC = 10 mAdc
V(BR)CEO
Vdc
50
Collector - Base Cutoff Current
VCB = 75 Vdc
VCB = 60 Vdc
ICBO1
ICBO2
µAdc
nAdc
10
10
Emitter - Base Cutoff Current
VEB = 6.0 Vdc
VEB = 4.0 Vdc
IEBO1
IEBO2
µAdc
nAdc
10
10
Collector - Emitter Cutoff Current
VCE = 50 Vdc
ICES
nAdc
50
On Characteristics1:
Forward Current Transfer Ratio
2N2221A, L, UA, UB
IC = 0.1 mAdc, VCE = 10 Vdc
IC = 1.0 mAdc, VCE = 10 Vdc
IC = 10.0 mAdc, VCE = 10 Vdc
IC = 150.0 mAdc, VCE = 10 Vdc
IC = 500.0 mAdc, VCE = 10 Vdc
2N2222A, L, UA, UB
IC = 0.1 mAdc, VCE = 10 Vdc
IC = 1.0 mAdc, VCE = 10 Vdc
IC = 10.0 mAdc, VCE = 10 Vdc
IC = 150.0 mAdc, VCE = 10 Vdc
IC = 500.0 mAdc, VCE = 10 Vdc
hFE
30
35
40
40
20
50
75
100
100
30
150
120
325
11
120
Collector - Base Cutoff Current
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VCE(sat)
Vdc
0.3
1.0
Base - Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VBE(sat)
Vdc
0.6
1.2
2.0
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle < 2%.


유사한 부품 번호 - 2N2222A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
Comset Semiconductor
2N2222A COMSET-2N2222A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
More results

유사한 설명 - 2N2222A

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
   RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com