전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC520A 데이터시트(PDF) 24 Page - Analog Devices

부품명 HMC520A
상세설명  Radio frequency (RF) range: 6 GHz to 10 GHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

HMC520A 데이터시트(HTML) 24 Page - Analog Devices

Back Button HMC520A Datasheet HTML 20Page - Analog Devices HMC520A Datasheet HTML 21Page - Analog Devices HMC520A Datasheet HTML 22Page - Analog Devices HMC520A Datasheet HTML 23Page - Analog Devices HMC520A Datasheet HTML 24Page - Analog Devices HMC520A Datasheet HTML 25Page - Analog Devices HMC520A Datasheet HTML 26Page - Analog Devices HMC520A Datasheet HTML 27Page - Analog Devices HMC520A Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
HMC520A
Data Sheet
Rev. 0 | Page 24 of 28
SPURIOUS AND HARMONICS PERFORMANCE
LO harmonic isolation, LO = 15 dBm, all values are in dBc below
the input LO level at the RF port are positive, unless otherwise
noted.
Table 5. NLO Spur at RF Output (RFOUT)
N × LO
LO Frequency (GHz)
1
2
3
4
5.5
49
33
52
66
6.5
43
37
63
52
7
43
43
55
55
7.5
44
55
52
61
8.5
43
59
69
62
9.5
42
61
62
65
10.5
42
72
56
61
RF = 9400 MHz at −10 dBm, LO = 9500 MHz at 15 dBm, data
taken without external hybrid, and all values are in dBc measured
below the IF power level (M × RF) − (N × LO) are positive,
unless otherwise noted.
Table 6. M × N Spurious Output Performance, Downconverter,
Lower Sideband (High-Side LO), IF = 100 MHz, TA = 25°C
N × LO
0
1
2
3
4
5
M × RF
0
0
−13
+31
+12
+39
+56
1
+31
0
+42
+60
+62
+50
2
+71
+57
+66
+58
+70
+60
3
+69
+70
+75
+67
+74
+71
4
+62
+68
+71
+75
+85
+74
5
+58
+61
+67
+71
+77
+85
RF = 7600 MHz at −10 dBm, LO = 7500 MHz at 15 dBm, data
taken without external hybrid, and all values are in dBc measured
below the IF power level (M × RF) − (N × LO) are positive,
unless otherwise noted.
Table 7. M × N Spurious Output Performance, Downconverter,
Upper Sideband (Low-Side LO), IF = 100 MHz, TA = 25°C
N × LO
0
1
2
3
4
5
M × RF
0
0
−10
+23
+29
+46
+35
1
+31
0
+36
+49
+68
+53
2
+73
+51
+76
+50
+75
+65
3
+68
+74
+78
+72
+78
+73
4
+68
+71
+71
+79
+87
+77
5
+62
+68
+70
+73
+77
+86
RFOUT = 7600 MHz, LO = 7500 MHz at 15 dBm, data taken
without external hybrid, and all values are in dBc measured
below the RFOUT power level (M × IFIN) − (N × LO) are positive,
unless otherwise noted.
Table 8. M × N Spurious Output Performance, Upconverter,
Upper Sideband (Low-Side LO), IFIN = 100 MHz at −10 dBm,
TA = 25°C
N × LO
0
1
2
3
4
5
M × IF
0
0
6
26
24
29
42
1
78
0
24
30
56
42
2
89
53
71
67
62
58
3
88
65
73
67
64
60
4
88
76
71
66
64
58
5
86
77
72
68
63
59
RFOUT = 9400 MHz, LO = 9500 MHz at 15 dBm, data taken
without external hybrid, and all values are in dBc measured
below the RFOUT power level (M × IFIN) − (N × LO) are positive,
unless otherwise noted.
Table 9. M × N Spurious Output Performance, Upconverter,
Lower Sideband (High-Side LO), IFIN = 100 MHz at −10 dBm,
TA = 25°C
N × LO
0
1
2
3
4
5
M × IF
0
0
8
21
17
26
35
1
79
0
25
48
54
37
2
87
55
47
57
56
59
3
87
60
74
72
68
61
4
86
77
73
72
66
61
5
86
78
74
72
67
60


유사한 부품 번호 - HMC520A

제조업체부품명데이터시트상세설명
logo
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
240Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Micross Components
HMC520 MICROSS-HMC520 Datasheet
886Kb / 9P
   Military Radar and ECM
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
More results

유사한 설명 - HMC520A

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
   0.7 GHz to 6 GHz Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
   6 GHz to 18 GHz Frequency Range
logo
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC_15 Datasheet
204Kb / 7P
   6 to 18-GHz Frequency Range
logo
Pasternack Enterprises,...
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com