전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2406BFNM 데이터시트(PDF) 1 Page - Laird Tech Smart Technology

부품명 S2406BFNM
상세설명  Direct access point mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSTD [Laird Tech Smart Technology]
홈페이지  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S2406BFNM 데이터시트(HTML) 1 Page - Laird Tech Smart Technology

  S2406BFNM Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Innovative Technology
for a Connected World
S2406BFNM
Omnidirectional Antenna
ANT-DS-S2406BFNM 0611
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of
Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability
or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies
products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2011 Laird Technologies, Inc. All
Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product
or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
HIGH GAIN OMNIDIRECTIONAL COLLINEAR ANTENNA
The Laird Technologies S2406BFNM, adds a direct fixed N-male connectorized version to the
suite of high performance omnidirectional collinear antennas. The fixed N-male connector allows
users to mount the antenna directly to any access point or NEMA enclosure that is connectorized
with an N female connector.
The S2406BFNM incorporates all of the performance features, adherence to specification
and product consistency that the industry has come to appreciate in Laird Technologies antennas.
FEATURES
• Directaccesspointmounting
• Highgain-to-sizeratiovalue
• RuggedUVstable,weatherresistantradome
PARAMETER
SPECIFICATIONS
Part Number
S2406BFNM
Frequency (MHz)
2400 - 2500 MHz
Gain (dBi)
8 dBi (nominal)
Maximum VSWR
1.7:1
E-Plane (-3 dB beamwidth)
14º
H-Plane (-3 dB beamwidth)
Omnidirectional
Polarization
Vertical linear
Input Impedance (Ohms)
50
Maximum Input Power (Watts)
50
Connector Type (M)
Type fixed N
Dimensions in (cm)
19.5 x .75 (495 x 19)
Weight lb. (kg)
0.45 (.20)
Orientation
Upright or inverted
Radome
UV stable fiberglass
Mount Style
Direct / Pole
APPLICATIONS
• Metropolitan mesh networks
• Hightomediumdensitycustomer
premise location
• WiMAX


유사한 부품 번호 - S2406BFNM

제조업체부품명데이터시트상세설명
logo
Laird Tech Smart Techno...
S2406DSP LSTD-S2406DSP Datasheet
1Mb / 1P
Panel Antenna
S2406MPC10NF LSTD-S2406MPC10NF Datasheet
596Kb / 1P
Attractive styling
More results

유사한 설명 - S2406BFNM

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
Direct Memory Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
DIRECT MEMORY ACCESS CONTROLLER
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com