전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMGP-6552 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 AMGP-6552
상세설명  IF frequency range from DC to 3 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMGP-6552 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  AMGP-6552 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMGP-6552 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Figure 13. Conversion Gain, Vdd = 3 V, LSB Over Temperature
Figure 15. RF Return Loss, Vdd = 3 V Over Temperature
Figure 14. Input IP3, Vdd = 3 V, LSB Over Temperature
Figure 16. Noise Figure, Vdd = 3 V, LSB Over Temperature
Figure 17. Input IP2 @ 25° C, Vdd = 3 V, LO = 15 dBm and RF Power = -30 dBm
Figure 18. IF Return Loss @ 25° C, LO = 15 dBm
Performance plots (Over Temp, LSB)
Noise Figure @ Vdd = 3 V, LSB
LSB
LSB
25° C
-40° C
85° C
25° C
-40° C
85° C
Conversion Gain @ Vd = 3 V, LSB
0
5
10
15
20
37
38
39
40
41
42
43
44
Frequency (GHz)
Input IP3 Over Temp, Vdd = 3 V
-15
-10
-5
0
5
10
37
38
39
40
41
42
43
44
Frequency (GHz)
RF Return Loss @ Vdd = 3 V
-30
-25
-20
-15
-10
-5
10
15
20
25
30
35
40
45
50
Frequency (GHz)
0
1
2
3
4
5
6
7
37
38
39
40
41
42
43
44
Frequency (GHz)
IIP2 @ 25° C, Vdd = 3 V, LO = 15 dBm
0
5
10
15
20
25
30
35
37
38
39
40
41
42
43
44
Frequency (GHz)
IF Return Loss @ 25° C, LO = 15 dBm
-20
-15
-10
-5
0
02
46
8
10
Frequency (GHz)
0
25° C
-40° C
85° C
25° C
85° C
-40° C
IF1
IF2


유사한 부품 번호 - AMGP-6552

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
AMGP-6552 BOARDCOM-AMGP-6552 Datasheet
151Kb / 8P
37 ??43.5 GHz Low Noise Down-Converter in SMT Package
More results

유사한 설명 - AMGP-6552

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE5CK1002 PASTERNACK-PE5CK1002 Datasheet
1Mb / 14P
Functional from DC to 3 GHz
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
DC to 10 GHz Operating Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
DC to 6 GHz Frequency Range
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
logo
CRYSTEK CORPORATION
CATTEN-08R0-BNC CRYSTEKMICROWAVE-CATTEN-08R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
CATTEN-09R0-BNC CRYSTEKMICROWAVE-CATTEN-09R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com