| 전자부품 데이터시트 검색엔진 |
|
TMS320DM814X 데이터시트(PDF) 180 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X 데이터시트(HTML) 180 Page - Texas Instruments |
|
180 / 377 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating Temperature (Unless Otherwise Noted) (continued) PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT 3.3-V I/O (DVDD, see note (6) mA DVDD_GPMC, DVDD_GPMCB, DVDD_SD, DVDD_C, VDDA_USB_3P3) supply current 1.8-V I/O (DVDD, see note (6) mA DVDD_GPMC, IDDD DVDD_GPMCB, DVDD_SD, DVDD_C DVDD_M, DVDD_DDR[0], DVDD_DDR[1] [for DDR2], VDDA_x_1P8) supply current 1.5-V I/O (DVDD_DDR[0], see note (6) mA DVDD_DDR[1] [for DDR3 SDRAM]) supply current Input capacitance 12 pF CI LVCMOS(2) Output capacitance 12 pF Co LVCMOS(2) 180 Device Operating Conditions Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |