| 전자부품 데이터시트 검색엔진 |
|
TMS320DM814X 데이터시트(PDF) 217 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X 데이터시트(HTML) 217 Page - Texas Instruments |
|
217 / 377 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 7.5.2 C674x DSP Interrupts The C674x DSP interrupt controller combines up to 128 device events into 12 prioritized interrupts presented to the CPU. The default sources of the 128 device events are shown in Table 7-29. In addition, device events 15 through 95 can alternatively be sourced from one of the 24 Multiplexed device events shown in Table 7-30. The DSP_INTMUX_x registers in the Control Module are used to select between the default event and the multiplexed event. The interrupt controller also controls the generation of the CPU exceptions, NMI, and emulation interrupts. Table 7-29. Default C674x Event Sources C674x DEFAULT ACRONYM SOURCE EVENT NUMBER 0 EVT0 C674x Interrupt Controller 0 1 EVT1 C674x Interrupt Controller 1 2 EVT2 C674x Interrupt Controller 2 3 EVT3 C674x Interrupt Controller 3 4 - Reserved 5 - Reserved 6 - Reserved 7 - Reserved 8 - Reserved 9 EMU_DTDMA C674x-ECM 10 - Reserved 11 EMU_RTDXRX C674x-RTDX 12 EMU_RTDXTX C674x-RTDX 13 IDMAINT0 C674x-ECM 14 C674x C674x-ECM 15 SDINT0 MMC/SD0 16 SPIINT0 SPI0 17 – Reserved 18 ELM_IRQ ELM 19 – Reserved 20 EDMAINT EDMA CC 21 EDMAERRINT EDMA CC Error 22 TCERRINT0 EDMA TC0 Error 23 ISS_IRQ4 ISS 24 – Reserved 25 – Reserved 26 – Reserved 27 TCERRINT1 EDMA TC1 Error 28 TCERRINT2 EDMA TC2 Error 29 TCERRINT3 EDMA TC3 Error 30 SDINT1 MMC/SD1 31 SDINT2 MMC/SD2 32 3PGSWRXTHR0 EMAC Switch RX Threshold 33 3PGSWRXINT0 EMAC Switch RX 34 3PGSWTXINT0 EMAC Switch TX 35 3PGSWMISC0 EMAC Switch Miscellaneous 36 PCIINT0 PCIe 37 PCIINT1 PCIe 38 PCIINT2 PCIe Copyright © 2011–2013, Texas Instruments Incorporated Power, Reset, Clocking, and Interrupts 217 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |