| 전자부품 데이터시트 검색엔진 |
|
TMS320DM814X 데이터시트(PDF) 130 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X 데이터시트(HTML) 130 Page - Texas Instruments |
|
130 / 377 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-40. UART4 Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. VOUT[1]_AVID/ VOUT[1], EMAC[1]_MRXER/ EMAC[1], VIN[1]A, VIN[1]A_CLK/ IPD TIMER6, GP2 Y22 O UART4_RTS/ DVDD PINCNTL207 TIM6_IO/ DSIS: PIN GP2[31] MM: MUX2 EMAC[0]_MTXD[4]/ EMAC[0], EMAC[1]_RGTXD[2]/ EMAC[1], GPMC UART4 Request to Send Output. Indicates module is IPD EMAC[1]_RMRXER/ G23 O PINCNTL254 ready to receive data. Functions as transmit data output DVDD_GPMC GPMC_A[11]/ DSIS: PIN in IrDA modes. UART4_RTS MM: MUX1 VOUT[1], VOUT[1]_R_CR[0]/ CAMERA_I/F, CAM_D[0]/ IPD GPMC, GP0 GPMC_A[8]/ AA22 O DVDD_C PINCNTL171 UART4_RTS/ DSIS: PIN GP0[25] MM: MUX0 VOUT[1], VOUT[1]_B_CB_C[3]/ EMAC[1], VIN[1]A, EMAC[1]_MRCLK/ IPD GP3 VIN[1]A_D[0]/ AH25 I/O DVDD PINCNTL208 UART4_CTS/ DSIS: 1 GP3[0] MM: MUX2 EMAC[0]_MTXD[3]/ EMAC[0], EMAC[1]_RGTXD[0]/ EMAC[1], GPMC IPD UART4 Clear to Send Input. Functions as SD transceiver EMAC[1]_RMRXD[1]/ H23 I/O PINCNTL253 DVDD_GPMC control output in IrDA and CIR modes. GPMC_A[10]/ DSIS: 1 UART4_CTS MM: MUX1 VOUT[1], VOUT[1]_R_CR[1]/ CAMERA_I/F, CAM_D[1]/ IPD GPMC, GP0 GPMC_A[7]/ AC19 I/O DVDD_C PINCNTL170 UART4_CTS/ DSIS: 1 GP0[24] MM: MUX0 130 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |