전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TNETV2685VIDZUTA9 데이터시트(PDF) 146 Page - Texas Instruments

부품명 TNETV2685VIDZUTA9
상세설명  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685VIDZUTA9 데이터시트(HTML) 146 Page - Texas Instruments

Back Button TNETV2685VIDZUTA9 Datasheet HTML 142Page - Texas Instruments TNETV2685VIDZUTA9 Datasheet HTML 143Page - Texas Instruments TNETV2685VIDZUTA9 Datasheet HTML 144Page - Texas Instruments TNETV2685VIDZUTA9 Datasheet HTML 145Page - Texas Instruments TNETV2685VIDZUTA9 Datasheet HTML 146Page - Texas Instruments TNETV2685VIDZUTA9 Datasheet HTML 147Page - Texas Instruments TNETV2685VIDZUTA9 Datasheet HTML 148Page - Texas Instruments TNETV2685VIDZUTA9 Datasheet HTML 149Page - Texas Instruments TNETV2685VIDZUTA9 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 191 page
background image
36
11
10
12
9
1
38
13
2
3
6
HCS (input)
HAS (input)
HSTROBE (A) (input)
HR/W (input)
HRDY (B) (output)
HD[31:0] (output)
HCNTL[1:0] (input)
7
37
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
A.
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT (HDS1 XOR HDS2)] OR HCS.
B.
Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-
incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on
the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number
SPRUEL5)
Figure 6-45. HPI32 Read Timing (HAS Used)
146
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More