| 전자부품 데이터시트 검색엔진 |
|
TNETV2685ZUTA9 데이터시트(PDF) 148 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685ZUTA9 데이터시트(HTML) 148 Page - Texas Instruments |
|
148 / 191 page ![]() HRDY(B) (output) 5 11 9 17 18 34 HAS (input) HR/W (input) HSTROBE(A) (input) HCS (input) 35 36 38 HD[31:0] (input) HCNTL[1:0] (input) 10 12 13 37 TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto- incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5) Figure 6-47. HPI32 Write Timing (HAS Used) 148 Peripheral Information and Electrical Specifications Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |