전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC560B60x 데이터시트(PDF) 129 Page - STMicroelectronics

부품명 SPC560B60x
상세설명  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B60x 데이터시트(HTML) 129 Page - STMicroelectronics

Back Button SPC560B60x Datasheet HTML 125Page - STMicroelectronics SPC560B60x Datasheet HTML 126Page - STMicroelectronics SPC560B60x Datasheet HTML 127Page - STMicroelectronics SPC560B60x Datasheet HTML 128Page - STMicroelectronics SPC560B60x Datasheet HTML 129Page - STMicroelectronics SPC560B60x Datasheet HTML 130Page - STMicroelectronics SPC560B60x Datasheet HTML 131Page - STMicroelectronics SPC560B60x Datasheet HTML 132Page - STMicroelectronics SPC560B60x Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 129 / 133 page
background image
DocID15131 Rev 9
129/133
SPC560B54x/6x
Revision history
132
23-Feb-2010
3
Updated Features
Updated block diagram to connect peripherals to pad I/O
Updated block summary to include ADC 12-bit
Updated 144, 176 and 100 pinouts to adjust format issues
Table 26 Flash module life-retention value changed from 1-5 to 5 yrs
Minor editing changes
13-Sep-2010
4
Editorial changes and improvements.
Cover page: removed LBGA208 package silhouette
Updated “Features“ section
Table 2: updated footnote concerning LBGA208
In the block diagram:
– Added “5ch 12-bit ADC“ block.
– Updated Legend.
– Added “Interrupt request with wakeup functionality” as an input to the WKPU block.
Figure 2: removed alternate functions
Figure 3: removed alternate functions
Figure 4: removed alternate functions
Table 3: added contents concerning the following blocks: CMU, eDMA, ECSM,
MC_ME, MC_PCU, NMI, SSCM, SWT and WKPU
Added Section 3.2, Pin muxing
Section 4: Electrical characteristics: removed “Caution” note
Section 4.2: NVUSRO register: removed “NVUSRO[WATCHDOG_EN] field
description“ section
Table 12: VIN: removed min value in “relative to VDD” row
Table 13
–TVDD: contents merged into one row
–VDD_BV: changed min value in “relative to VDD” row
Section 4.5: Thermal characteristics
– Section 4.5.1: External ballast resistor recommendations: added new paragraph
about power supply
– Table 15: added RJB and RJC rows
– Removed “LBGA208 thermal characteristics” table
Table 16: rewrote parameter description of WFI and WNFI
Section 4.6.5: I/O pad current specification
– Removed IDYNSEG information
– Updated “I/O supply segments” table
Table 23: removed IDYNSEG row
Added Table 24
Table 56. Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More