전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LQFP176 데이터시트(PDF) 130 Page - STMicroelectronics

부품명 LQFP176
상세설명  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP176 데이터시트(HTML) 130 Page - STMicroelectronics

Back Button LQFP176 Datasheet HTML 125Page - STMicroelectronics LQFP176 Datasheet HTML 126Page - STMicroelectronics LQFP176 Datasheet HTML 127Page - STMicroelectronics LQFP176 Datasheet HTML 128Page - STMicroelectronics LQFP176 Datasheet HTML 129Page - STMicroelectronics LQFP176 Datasheet HTML 130Page - STMicroelectronics LQFP176 Datasheet HTML 131Page - STMicroelectronics LQFP176 Datasheet HTML 132Page - STMicroelectronics LQFP176 Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 130 / 133 page
background image
Revision history
SPC560B54x/6x
130/133
DocID15131 Rev 9
13-Sep-2010
4
(cont.)
Table 26
– Updated all values
– Removed IVREGREF and IVREDLVD12 rows
– Added the footnote “The duration of the in-rush current depends on the capacitance
placed on LV pins. BV decaps must be sized accordingly. Refer to IMREG value for
minimum amount of current to be provided in cc.” to the IDD_BV specification.
Table 27
– Updated VPORH min/max value
– Updated VLVDLVCORL min value
Updated Table 28
Table 29
–Tdwprogram: added initial max value
– Inserted Teslat row
Table 30: removed the “To be confirmed” footnote
In the “Crystal oscillator and resonator connection scheme” figure, removed RP.
Table 40
– Removed gmSXOSC row
–ISXOSCBIAS: added min/typ/max value
Table 41:
– Added fVCO row
– Added
t
STJIT row
Table 42
–IFIRCPWD: removed row for TA = 55 °C
– Updated TFIRCSU row
Table 45: Added two rows: IADC0pwd and IADC0run
Table 46
– Added two rows: IADC1pwd and IADC1run
– Updated values of fADC_1 and tADC1_PU
– Updated tADC1_C row
Updated Table 47
Updated Table 48
Added Table 55
29-Oct- 2010
5
Removed “Preliminary—Subject to Change Without Notice” marking. This data sheet
contains specifications based on characterization data.
Updated Table 55
Added Table 56
Updated Figure 37
Table 56. Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More