| 전자부품 데이터시트 검색엔진 |
|
LQFP144 데이터시트(PDF) 130 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP144 데이터시트(HTML) 130 Page - STMicroelectronics |
|
130 / 133 page ![]() Revision history SPC560B54x/6x 130/133 DocID15131 Rev 9 13-Sep-2010 4 (cont.) Table 26 – Updated all values – Removed IVREGREF and IVREDLVD12 rows – Added the footnote “The duration of the in-rush current depends on the capacitance placed on LV pins. BV decaps must be sized accordingly. Refer to IMREG value for minimum amount of current to be provided in cc.” to the IDD_BV specification. Table 27 – Updated VPORH min/max value – Updated VLVDLVCORL min value Updated Table 28 Table 29 –Tdwprogram: added initial max value – Inserted Teslat row Table 30: removed the “To be confirmed” footnote In the “Crystal oscillator and resonator connection scheme” figure, removed RP. Table 40 – Removed gmSXOSC row –ISXOSCBIAS: added min/typ/max value Table 41: – Added fVCO row – Added t STJIT row Table 42 –IFIRCPWD: removed row for TA = 55 °C – Updated TFIRCSU row Table 45: Added two rows: IADC0pwd and IADC0run Table 46 – Added two rows: IADC1pwd and IADC1run – Updated values of fADC_1 and tADC1_PU – Updated tADC1_C row Updated Table 47 Updated Table 48 Added Table 55 29-Oct- 2010 5 Removed “Preliminary—Subject to Change Without Notice” marking. This data sheet contains specifications based on characterization data. Updated Table 55 Added Table 56 Updated Figure 37 Table 56. Revision history (continued) Date Revision Changes |