| 전자부품 데이터시트 검색엔진 |
|
ST7MC2S6-Auto 데이터시트(PDF) 304 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S6-Auto 데이터시트(HTML) 304 Page - STMicroelectronics |
|
304 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Instruction set ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 304/371 11.1.1 Inherent All inherent instructions consist of a single byte. The opcode fully specifies all the required information for the CPU to process the operation. Relative Indirect jrne [$10] PC+/-127 00..FF byte + 2 Bit Direct bset $10,#7 00..FF + 1 Bit Indirect bset [$10],#7 00..FF 00..FF byte + 2 Bit Direct Relative btjt $10,#7,skip 00..FF + 2 Bit Indirect Relative btjt [$10],#7,skip 00..FF 00..FF byte + 3 Table 179. Inherent instructions Inherent instruction Function NOP No operation TRAP S/W interrupt WFI Wait for interrupt (low power mode) HALT Halt oscillator (lowest power mode) RET Sub-routine return IRET Interrupt sub-routine return SIM Set interrupt mask (level 3) RIM Reset interrupt mask (level 0) SCF Set carry flag RCF Reset carry flag RSP Reset stack pointer LD Load CLR Clear Push/pop Push/pop to/from the stack INC/DEC Increment/decrement TNZ Test negative or zero CPL, NEG 1 or 2 complement MUL Byte multiplication SLL, SRL, SRA, RLC, RRC Shift and rotate operations SWAP Swap nibbles Table 178. CPU addressing mode overview (continued) Mode Syntax Destination Pointer address (Hex.) Pointer size (Hex.) Length (bytes) Obsolete Product(s) - Obsolete Product(s) |