| 전자부품 데이터시트 검색엔진 |
|
ST72361J7-Auto 데이터시트(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361J7-Auto 데이터시트(HTML) 111 Page - STMicroelectronics |
|
111 / 279 page ![]() ST72361xx-Auto 16-bit timer Doc ID 12468 Rev 3 111/279 Figure 55. Output compare timing diagram, fTIMER =fCPU/2 Figure 56. Output compare timing diagram, fTIMER =fCPU/4 12.3.8 One pulse mode One Pulse mode enables the generation of a pulse when an external event occurs. This mode is selected via the OPM bit in the CR2 register. The One Pulse mode uses the Input Capture1 function and the Output Compare1 function. Procedure To use One Pulse mode: 1. Load the OC1R register with the value corresponding to the length of the pulse (see the formula in the opposite column). 2. Select the following in the CR1 register: – Using the OLVL1 bit, select the level to be applied to the OCMP1 pin after the pulse. – Using the OLVL2 bit, select the level to be applied to the OCMP1 pin during the pulse. – Select the edge of the active transition on the ICAP1 pin with the IEDG1 bit (the ICAP1 pin must be configured as floating input). INTERNAL CPU CLOCK TIMER CLOCK COUNTER REGISTER OUTPUT COMPARE REGISTER i (OCRi) OUTPUT COMPARE FLAG i (OCFi) OCMPi PIN (OLVLi =1) 2ED3 2ED0 2ED1 2ED2 2ED3 2ED4 2ECF INTERNAL CPU CLOCK TIMER CLOCK COUNTER REGISTER OUTPUT COMPARE REGISTER i (OCRi) COMPARE REGISTER i LATCH 2ED3 2ED0 2ED1 2ED2 2ED3 2ED4 2ECF OCMPi PIN (OLVLi =1) OUTPUT COMPARE FLAG i (OCFi) |