| 전자부품 데이터시트 검색엔진 |
|
ST72561J4-Auto 데이터시트(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561J4-Auto 데이터시트(HTML) 118 Page - STMicroelectronics |
|
118 / 324 page ![]() 16-bit timer ST72561-Auto 118/324 Doc ID 12370 Rev 8 Note: The 16-bit Timer interrupt events are connected to the same interrupt vector (see Interrupts chapter). These events generate an interrupt if the corresponding Enable Control Bit is set and the interrupt mask in the CC register is reset (RIM instruction). 12.6 Summary of timer modes 12.7 Register description Each Timer is associated with three control and status registers, and with six pairs of data registers (16-bit values) relating to the two input captures, the two output compares, the counter and the alternate counter. 12.7.1 Control register 1 (CR1) Read/ write Reset value: 0000 0000 (00h) Bit 7 = ICIE Input Capture Interrupt Enable. 0: Interrupt is inhibited. 1: A timer interrupt is generated whenever the ICF1 or ICF2 bit of the SR register is set. Bit 6 = OCIE Output Compare Interrupt Enable. 0: Interrupt is inhibited. 1: A timer interrupt is generated whenever the OCF1 or OCF2 bit of the SR register is set. Table 49. Timer modes Modes Timer resources Input capture 1 Input capture 2 Output compare 1 Output compare 2 Input capture (1 and/or 2) Yes Yes Yes Yes Output compare (1 and/or 2) One pulse mode No Not recommended(1) 1. See note 4 in One pulse mode No Partially (2) 2. See note 5 in One pulse mode PWM Mode Not recommended(3) 3. See note 4 in Pulse width modulation mode No 7 0 ICIE OCIE TOIE FOLV2 FOLV1 OLVL2 IEDG1 OLVL1 |