전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72561J4-Auto 데이터시트(PDF) 134 Page - STMicroelectronics

부품명 ST72561J4-Auto
상세설명  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561J4-Auto 데이터시트(HTML) 134 Page - STMicroelectronics

Back Button ST72561J4-Auto Datasheet HTML 130Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 131Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 132Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 133Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 134Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 135Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 136Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 137Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 324 page
background image
8-bit timer (TIM8)
ST72561-Auto
134/324
Doc ID 12370 Rev 8
Figure 67.
Output compare timing diagram, fTIMER =fCPU/4
13.3.5
One pulse mode
One Pulse mode enables the generation of a pulse when an external event occurs. This
mode is selected via the OPM bit in the CR2 register.
The one pulse mode uses the Input Capture1 function and the Output Compare1 function.
Procedure
To use one pulse mode:
1.
Load the OC1R register with the value corresponding to the length of the pulse (see the
formula in the opposite column).
2.
Select the following in the CR1 register:
–
Using the OLVL1 bit, select the level to be applied to the OCMP1 pin after the
pulse.
–
Using the OLVL2 bit, select the level to be applied to the OCMP1 pin during the
pulse.
–
Select the edge of the active transition on the ICAP1 pin with the IEDG1 bit (the
ICAP1 pin must be configured as floating input).
3.
Select the following in the CR2 register:
–
Set the OC1E bit, the OCMP1 pin is then dedicated to the Output Compare 1
function.
–
Set the OPM bit.
–
Select the timer clock CC[1:0] (see Table 55).
fCPU CLOCK
TIMER CLOCK
COUNTER REGISTER
OUTPUT COMPARE REGISTER i (OCRi)
COMPARE REGISTER i LATCH
D3
D0
D1
D2
D3
D4
CF
OCMPi PIN (OLVLi =1)
OUTPUT COMPARE FLAG i (OCFi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More