| 전자부품 데이터시트 검색엔진 |
|
ST72561J4-Auto 데이터시트(PDF) 140 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561J4-Auto 데이터시트(HTML) 140 Page - STMicroelectronics |
|
140 / 324 page ![]() 8-bit timer (TIM8) ST72561-Auto 140/324 Doc ID 12370 Rev 8 Bit 4 = FOLV2 Forced Output Compare 2. This bit is set and cleared by software. 0: No effect on the OCMP2 pin. 1:Forces the OLVL2 bit to be copied to the OCMP2 pin, if the OC2E bit is set and even if there is no successful comparison. Bit 3 = FOLV1 Forced Output Compare 1. This bit is set and cleared by software. 0: No effect on the OCMP1 pin. 1: Forces OLVL1 to be copied to the OCMP1 pin, if the OC1E bit is set and even if there is no successful comparison. Bit 2 = OLVL2 Output Level 2. This bit is copied to the OCMP2 pin whenever a successful comparison occurs with the OC2R register and OCxE is set in the CR2 register. This value is copied to the OCMP1 pin in One Pulse Mode and Pulse Width Modulation mode. Bit 1 = IEDG1 Input Edge 1. This bit determines which type of level transition on the ICAP1 pin will trigger the capture. 0: A falling edge triggers the capture. 1: A rising edge triggers the capture. Bit 0 = OLVL1 Output Level 1. The OLVL1 bit is copied to the OCMP1 pin whenever a successful comparison occurs with the OC1R register and the OC1E bit is set in the CR2 register. 13.7.2 Control register 2 (CR2) Read/ write Reset value: 0000 0000 (00h) Bit 7 = OC1E Output Compare 1 Pin Enable. This bit is used only to output the signal from the timer on the OCMP1 pin (OLV1 in Output Compare mode, both OLV1 and OLV2 in PWM and one-pulse mode). Whatever the value of the OC1E bit, the Output Compare 1 function of the timer remains active. 0: OCMP1 pin alternate function disabled (I/O pin free for general-purpose I/O). 1: OCMP1 pin alternate function enabled. Bit 6 = OC2E Output Compare 2 Pin Enable. This bit is used only to output the signal from the timer on the OCMP2 pin (OLV2 in Output Compare mode). Whatever the value of the OC2E bit, the Output Compare 2 function of the timer remains active. 0: OCMP2 pin alternate function disabled (I/O pin free for general-purpose I/O). 1: OCMP2 pin alternate function enabled. Bit 5 = OPM One Pulse Mode. 0: One Pulse Mode is not active. 1: One Pulse Mode is active, the ICAP1 pin can be used to trigger one pulse on the OCMP1 pin; the active transition is given by the IEDG1 bit. The length of the generated pulse depends on the contents of the OC1R register. 7 0 OC1E OC2E OPM PWM CC1 CC0 IEDG2 0 |