전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72561R4-Auto 데이터시트(PDF) 268 Page - STMicroelectronics

부품명 ST72561R4-Auto
상세설명  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto 데이터시트(HTML) 268 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 264Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 265Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 266Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 267Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 268Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 269Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 270Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 271Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 272Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 324 page
background image
Instruction set
ST72561-Auto
268/324
Doc ID 12370 Rev 8
19.1.7
Relative mode (direct, indirect)
This addressing mode is used to modify the PC register value, by adding an 8-bit signed
offset to it.
The relative addressing mode consists of two submodes:
Relative (direct)
The offset is following the opcode.
Relative (indirect)
The offset is defined in memory, which address follows the opcode.
19.2
Instruction groups
The ST7 family devices use an instruction set consisting of 63 instructions. The instructions
may be subdivided into 13 main groups as illustrated in the following table:
BSET, BRES
Bit Operations
BTJT, BTJF
Bit Test and Jump Operations
SLL, SRL, SRA, RLC, RRC
Shift and Rotate Operations
SWAP
Swap Nibbles
CALL, JP
Call or Jump subroutine
Table 97.
Instructions supporting direct, indexed, indirect and indirect indexed
addressing (part 2) (continued)
Short instructions only
Function
Available relative direct/indirect instructions
Function
JRxx
Conditional Jump
CALLR
Call Relative
Table 98.
Instruction groups
Description
Instruction
Load and transfer
LD
CLR
Stack operation
PUSH
POP
RSP
Increment/ decrement
INC
DEC
Compare and tests
CP
TNZ
BCP
Logical operations
AND
OR
XOR
CPL
NEG
Bit operation
BSET
BRES
Conditional bit test and branch
BTJT
BTJF
Arithmetic operations
ADC
ADD
SUB
SBC
MUL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More