전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72561AR6-Auto 데이터시트(PDF) 111 Page - STMicroelectronics

부품명 ST72561AR6-Auto
상세설명  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR6-Auto 데이터시트(HTML) 111 Page - STMicroelectronics

Back Button ST72561AR6-Auto Datasheet HTML 107Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 108Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 109Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 110Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 111Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 112Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 113Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 114Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 324 page
background image
ST72561-Auto
16-bit timer
Doc ID 12370 Rev 8
111/324
These registers are readable and writable and are not affected by the timer hardware. A
reset event changes the OCiR value to 8000h.
Timing resolution is one count of the free running counter: (fCPU/CC[1:0]).
12.3.6
Procedure
To use the output compare function, select the following in the CR2 register:
●
Set the OCiE bit if an output is needed then the OCMPi pin is dedicated to the output
compare i signal.
●
Select the timer clock (CC[1:0]) (see Table 50).
And select the following in the CR1 register:
●
Select the OLVLi bit to applied to the OCMPi pins after the match occurs.
●
Set the OCIE bit to generate an interrupt if it is needed.
When a match is found between OCRi register and CR register:
●
OCFi bit is set.
●
The OCMPi pin takes OLVLi bit value (OCMPi pin latch is forced low during reset).
●
A timer interrupt is generated if the OCIE bit is set in the CR1 register and the I bit is
cleared in the CC register (CC).
The OCiR register value required for a specific timing application can be calculated using
the following formula:
Where:
Δt = Output compare period (in seconds)
fCPU = CPU clock frequency (in hertz)
PRESC= Timer prescaler factor (2, 4 or 8 depending on CC[1:0] bits, see Table 50)
If the timer clock is an external clock, the formula is:
Where:
Δt = output compare period (in seconds)
fEXT = external timer clock frequency (in hertz)
Clearing the output compare interrupt request (that is, clearing the OCFi bit) is done by:
●
Reading the SR register while the OCFi bit is set.
●
An access (read or write) to the OCiLR register.
Δ OCiR = Δ
t * fCPU
PRESC
Δ OCiR = Δt
* fEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com