| 전자부품 데이터시트 검색엔진 |
|
ST72561AR6-Auto 데이터시트(PDF) 141 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561AR6-Auto 데이터시트(HTML) 141 Page - STMicroelectronics |
|
141 / 324 page ![]() ST72561-Auto 8-bit timer (TIM8) Doc ID 12370 Rev 8 141/324 Bit 4 = PWM Pulse Width Modulation. 0: PWM mode is not active. 1: PWM mode is active, the OCMP1 pin outputs a programmable cyclic signal; the length of the pulse depends on the value of OC1R register; the period depends on the value of OC2R register. Bit 3, 2 = CC[1:0] Clock Control. The timer clock mode depends on these bits: Bit 1 = IEDG2 Input Edge 2. This bit determines which type of level transition on the ICAP2 pin will trigger the capture. 0: A falling edge triggers the capture. 1: A rising edge triggers the capture. Bit 0 = Reserved, must be kept at 0. 13.7.3 Control/status register (CSR) Read only (except bit 2 R/W) Reset value: 0000 0000 (00h) Bit 7 = ICF1 Input Capture Flag 1. 0: no input capture (reset value). 1: an input capture has occurred on the ICAP1 pin or the counter has reached the OC2R value in PWM mode. To clear this bit, first read the SR register, then read or write the IC1R register. Bit 6 = OCF1 Output Compare Flag 1. 0: no match (reset value). 1: the content of the free running counter has matched the content of the OC1R register. To clear this bit, first read the SR register, then read or write the OC1R register. Bit 5 = TOF Timer Overflow Flag. 0: no timer overflow (reset value). 1: the free running counter rolled over from FFh to 00h. To clear this bit, first read the SR register, then read or write the CTR register. Table 55. Clock control bits Timer clock CC1 CC0 fCPU / 4 0 0 fCPU / 2 0 1 fCPU / 8 1 0 fOSC2 / 8000 (1) 1. Not available in Slow mode in ST72F561. 11 7 0 ICF1 OCF1 TOF ICF2 OCF2 TIMD 0 0 |