전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72561AR6-Auto 데이터시트(PDF) 247 Page - STMicroelectronics

부품명 ST72561AR6-Auto
상세설명  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR6-Auto 데이터시트(HTML) 247 Page - STMicroelectronics

Back Button ST72561AR6-Auto Datasheet HTML 243Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 244Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 245Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 246Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 247Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 248Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 249Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 250Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 324 page
background image
ST72561-Auto
beCAN controller (beCAN)
Doc ID 12370 Rev 8
247/324
CAN bit timing register 1 (CBTR1)
Read/ write
Reset value: 0001 0011 (23h)
Bit 7 = reserved. Forced to 0 by hardware.
Bits 6:4 BS2[2:0] Time Segment 2
These bits define the number of time quanta in time segment 2.
Time segment 2 = (BS2+1)
Bits 3:0 BS1[3:0] Time Segment 1
These bits define the number of time quanta in time segment 1
Time segment 1 = (BS1+1)
For more information on bit timing, please refer to Bit timing.
CAN filter page select register (CPSR)
Read/ write
Reset value: 0000 0000 (00h)
Note:
All bits of this register are set and cleared by software.
Bits 7:3 = reserved. Forced to 0 by hardware.
Bits 2:0 = PS[2:0] Page Select
Read/ write
This register contains the page number.
7
0
0
BS22
BS21
BS20
BS13
BS12
BS11
BS10
7
0
0
0
0
0
0
FPS2
FPS1
FPS0
Table 86.
Filter page selection
PS[2:0]
Page selected
0
Tx Mailbox 0
1
Tx Mailbox 1
2
Acceptance Filter 0:1
3
Acceptance Filter 2:3
4
Acceptance Filter 4:5
5
Reserved
6
Configuration/Diagnosis
7
Receive FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com