전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72561AR6-Auto 데이터시트(PDF) 252 Page - STMicroelectronics

부품명 ST72561AR6-Auto
상세설명  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR6-Auto 데이터시트(HTML) 252 Page - STMicroelectronics

Back Button ST72561AR6-Auto Datasheet HTML 248Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 249Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 250Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 251Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 252Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 253Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 254Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 255Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 324 page
background image
beCAN controller (beCAN)
ST72561-Auto
252/324
Doc ID 12370 Rev 8
Bit 4 = FACT3 Filter Active
The software sets this bit to activate filter 3. To modify the filter 3 registers (CF3R[0:7]) the
FACT3 bit must be cleared.
0: filter 3 is not active
1: filter 3 is active
Bit 3 = reserved. Forced to 0 by hardware.
Bits 2:1 = FSC2[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter 2.
Bit 0 = FACT2 Filter Active
The software sets this bit to activate filter 2. To modify the filter 2 registers (CF2R[0:7]), the
FACT2 bit must be cleared.
0: filter 2 is not active
1: filter 2 is active
CAN filter configuration register 2(CFCR2)
Read/ write
Reset value: 0000 0000 (00h)
Note: All bits of this register are set and cleared by software.
Bit 7 = Reserved. Forced to 0 by hardware.
Bits 6:5 = FSC5[1:0] Filter Scale Configuration
These bits define the scale configuration of filter 5.
Bit 4 = FACT5 Filter Active
The software sets this bit to activate filter 5. To modify the filter 5 registers (CF5R[0:7]) the
FACT5 bit must be cleared.
0: filter 5 is not active
1: filter 5 is active
Bit 3 = Reserved. Forced to 0 by hardware.
Bits 2:1 = FSC4[1:0] Filter Scale Configuration
These bits define the scale configuration of filter 4.
Bit 0 = FACT4 Filter Active
The software sets this bit to activate filter 4. To modify the filter 4 registers (CF4R[0:7]), the
FACT4 bit must be cleared.
0: filter 4 is not active
1: filter 4 is active
7
0
0
FSC51
FSC50
FACT5
0
FSC41
FSC40
FACT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com