전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72561AR6-Auto 데이터시트(PDF) 257 Page - STMicroelectronics

부품명 ST72561AR6-Auto
상세설명  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR6-Auto 데이터시트(HTML) 257 Page - STMicroelectronics

Back Button ST72561AR6-Auto Datasheet HTML 253Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 254Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 255Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 256Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 257Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 258Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 259Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 260Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 324 page
background image
ST72561-Auto
beCAN controller (beCAN)
Doc ID 12370 Rev 8
257/324
Table 87.
beCAN control and status page - register map and reset values
Address
(Hex.)
Register Name
7
6
5
4
3
2
1
0
68h
CMCR
Reset value
0
ABOM
0
AWUM
0
NART
0
RFLM
0
TXFP
0
SLEEP
1
INRQ
0
69h
CMSR
Reset value
0
0
REC
0
TRAN
0
WKUI
0
ERRI
0
SLAK
1
INAK
0
6Ah
CTSR
Reset value
0
0
TXOK1
0
TXOK0
00
0
RQCP1
0
RQCP0
0
6Bh
CTPR
Reset value
0
LOW1
0
LOW0
01
TME1
1
TME0
10
CODE0
0
6Ch
CRFR
Reset value
0
0
RFOM
0
FOVR
0
FULL
00
FMP1
0
FMP0
0
6Dh
CIER
Reset value
WKUIE
0
00
0
FOVIE0
0
FFIE0
0
FMPIE0
0
TMEIE
0
6Eh
CDGR
Reset value
0
0
0
0
RX
1
SAMP
1
SILM
0
LBKM
0
6Fh
CFPSR
Reset value
0
0
0
0
0
FPS2
0
FPS1
0
FPS0
0
Table 88.
beCAN mailbox pages - register map and reset values
Address
(Hex.)
Register
name
76
54
32
1
0
70h
Receive
MFMI
Reset value
FMI7
0
FMI6
0
FMI5
0
FMI4
0
FMI3
0
FMI2
0
FMI1
0
FMI0
0
70h
Transmit
MCSR
Reset value
0
0
TERR
0
ALST
0
TXOK
0
RQCP
0
ABRQ
0
TXRQ
0
71h
MDLC
Reset value
0
x
xxx
DLC3
x
DLC2
x
DLC1
x
DLC0
x
72h
MIDR0
Reset value
x
IDE
x
RTR
x
STID10
x
STID9
x
STID8
x
STID7
x
STID6
x
73h
MIDR1
Reset value
STID5
x
STID4
x
STID3
x
STID2
x
STID1
x
STID0
x
EXID17
x
EXID16
x
74h
MIDR2
Reset value
EXID15
x
EXID14
x
EXID13
x
EXID12
x
EXID11
x
EXID10
x
EXID9
x
EXID8
x
75h
MIDR3
Reset value
EXID7
x
EXID6
x
EXID5
x
EXID4
x
EXID3
x
EXID2
x
EXID1
x
EXID0
x
76h:7Dh
MDAR[0:7]
Reset value
MDAR7
x
MDAR6
x
MDAR5
x
MDAR4
x
MDAR3
x
MDAR2
x
MDAR1
x
MDAR0
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com