전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L15xVC-A 데이터시트(PDF) 105 Page - STMicroelectronics

부품명 STM32L15xVC-A
상세설명  Ultra-low-power platform
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15xVC-A 데이터시트(HTML) 105 Page - STMicroelectronics

Back Button STM32L15xVC-A Datasheet HTML 101Page - STMicroelectronics STM32L15xVC-A Datasheet HTML 102Page - STMicroelectronics STM32L15xVC-A Datasheet HTML 103Page - STMicroelectronics STM32L15xVC-A Datasheet HTML 104Page - STMicroelectronics STM32L15xVC-A Datasheet HTML 105Page - STMicroelectronics STM32L15xVC-A Datasheet HTML 106Page - STMicroelectronics STM32L15xVC-A Datasheet HTML 107Page - STMicroelectronics STM32L15xVC-A Datasheet HTML 108Page - STMicroelectronics STM32L15xVC-A Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 134 page
background image
DocID026119 Rev 6
105/134
STM32L151xC/C-A STM32L152xC/C-A
Electrical characteristics
113
Figure 27. ADC accuracy characteristics
Figure 28. Typical connection diagram using the ADC
1. Refer to Table 57: Maximum source impedance RAIN max for the value of RAIN and Table 55: ADC
characteristics for the value of CADC.
2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the
pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy
this, fADC should be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More