| 전자부품 데이터시트 검색엔진 |
|
STM32F779IIK6 데이터시트(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IIK6 데이터시트(HTML) 101 Page - STMicroelectronics |
|
101 / 255 page ![]() Port G PG8 - - - - - SPI6_NS S - SPDIF_R X2 USART6 _RTS -- ETH_PPS _OUT FMC_SD CLK - LCD_G7 EVEN TOUT PG9 - - - - - SPI1_MI SO - SPDIF_R X3 USART6 _RX QUADSP I_BK2_IO 2 SAI2_FS_ B SDMMC2 _D0 FMC_NE 2/FMC_ NCE DCMI_V SYNC - EVEN TOUT PG10 - - - - - SPI1_NS S/I2S1_ WS - - - LCD_G3 SAI2_SD_ B SDMMC2 _D1 FMC_NE 3 DCMI_D 2 LCD_B2 EVEN TOUT PG11 - - - - - SPI1_SC K/I2S1_ CK - SPDIF_R X0 -- SDMMC2 _D2 ETH_MII_ TX_EN/E TH_RMII_ TX_EN - DCMI_D 3 LCD_B3 EVEN TOUT PG12 - - - LPTIM1_I N1 - SPI6_MI SO - SPDIF_R X1 USART6 _RTS LCD_B4 - SDMMC2 _D3 FMC_NE 4 - LCD_B1 EVEN TOUT PG13 TRACED 0 -- LPTIM1_ OUT - SPI6_SC K -- USART6 _CTS -- ETH_MII_ TXD0/ET H_RMII_T XD0 FMC_A2 4 - LCD_R0 EVEN TOUT PG14 TRACED 1 -- LPTIM1_E TR - SPI6_M OSI -- USART6 _TX QUADSP I_BK2_IO 3 - ETH_MII_ TXD1/ET H_RMII_T XD1 FMC_A2 5 - LCD_B0 EVEN TOUT PG15 - - - - - - - - USART6 _CTS -- - FMC_SD NCAS DCMI_D 13 - EVEN TOUT Table 12. STM32F777xx, STM32F778Ax and STM32F779xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS I2C4/UA RT5/TIM 1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/DFSDM 1/CEC I2C1/2/3/ 4/USART 1/CEC SPI1/I2S 1/SPI2/I2 S2/SPI3/ I2S3/SPI 4/5/6 SPI2/I2S 2/SPI3/I2 S3/SAI1/ I2C4/UA RT4/DF SDM1 SPI2/I2S 2/SPI3/I2 S3/SPI6/ USART1/ 2/3/UART 5/DFSDM 1/SPDIF SPI6/SAI 2/USART 6/UART4/ 5/7/8/OT G_FS/SP DIF CAN1/2/T IM12/13/ 14/QUAD SPI/FMC/ LCD SAI2/QU ADSPI/S DMMC2/D FSDM1/O TG2_HS/ OTG1_FS /LCD I2C4/CAN 3/SDMM C2/ETH UART7/ FMC/SD MMC1/M DIOS/OT G2_FS DCMI/L CD/DSI LCD SYS |