전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS12 데이터시트(PDF) 7 Page - Motorola, Inc

부품명 HCS12
상세설명  HCS12 Document Methodology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 데이터시트(HTML) 7 Page - Motorola, Inc

  HCS12 Datasheet HTML 1Page - Motorola, Inc HCS12 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 2 page
background image
Block Guide — S12BDM V4
7
1.3.3 Low-Power Modes
•
Wait Mode
The BDM cannot be used in wait mode if the system disables the clocks to the BDM.
There is a clearing mechanism associated with the WAIT instruction when the clocks to the BDM
(CPU core platform) are disabled. As the clocks restart from wait mode, the BDM receives a soft
reset (clearing any command in progress) and the ACK function will be disabled. This is a change
from previous BDM modules.
•
Stop Mode
The BDM is completely shutdown in stop mode.
There is a clearing mechanism associated with the STOP instruction. STOP must be enabled and
the part must go into stop mode for this to occur. As the clocks restart from stop mode, the BDM
receives a soft reset (clearing any command in progress) and the ACK function will be disabled.
This is a change from previous BDM modules.



Html Pages

1 2