전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5010445010 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 5010445010
상세설명  0.40mm Pitch Wire-to-Board PCB Receptacle, Right Angle, 50 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX1 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5010445010 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  5010445010_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5010445010
Status:
Active
Overview:
Micro IDT Coaxial Connectors
Description:
0.40mm Pitch Wire-to-Board PCB Receptacle, Right Angle, 50 Circuits
Documents:
3D Model
Product Specification PS-501044-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
501044
Application
Signal, Wire-to-Board
Overview
Micro IDT Coaxial Connectors
Product Name
Micro IDT Coaxial Cable Jumper
UPC
822350651295
Physical
Circuits (Loaded)
50
Circuits (maximum)
50
Color - Resin
Black
Durability (mating cycles max)
10
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Net Weight
168.229/mg
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
0.40mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Temperature Range - Operating
-30°C to +75°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.2A
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-501044-001-001
Sales Drawing
SD-501044-001, SD-501044-002
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
501044 Series
Mates With
Contact Molex for mating plug harness
details
This document was generated on 05/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 5010445010_17

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
5010445010 MOLEX11-5010445010 Datasheet
318Kb / 6P
   0.40mm (.016") Pitch Wire-to-Board PCB Receptacle, Right Angle, 50 Circuits
More results

유사한 설명 - 5010445010_17

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
5010445010 MOLEX11-5010445010 Datasheet
318Kb / 6P
   0.40mm (.016") Pitch Wire-to-Board PCB Receptacle, Right Angle, 50 Circuits
5010443010 MOLEX1-5010443010_17 Datasheet
28Kb / 1P
   0.40mm Pitch Wire-to-Board PCB Receptacle, Right Angle, 30 Circuits
5010444010 MOLEX1-5010444010_17 Datasheet
31Kb / 1P
   0.40mm Pitch Wire-to-Board PCB Receptacle, Right Angle, 40 Circuits
5010835010 MOLEX1-5010835010_17 Datasheet
30Kb / 1P
   0.40mm Pitch Wire-to-Board PCB Receptacle, Vertical, 50 Circuits
5010444010 MOLEX11-5010444010 Datasheet
321Kb / 6P
   0.40mm (.016") Pitch Wire-to-Board PCB Receptacle, Right Angle, 40 Circuits
5010443010 MOLEX11-5010443010 Datasheet
318Kb / 6P
   0.40mm (.016") Pitch Wire-to-Board PCB Receptacle, Right Angle, 30 Circuits
5010835010 MOLEX11-5010835010 Datasheet
438Kb / 6P
   0.40mm (.016") Pitch Wire-to-Board PCB Receptacle, Vertical, 50 Circuits
5010833010 MOLEX1-5010833010_17 Datasheet
30Kb / 1P
   0.40mm Pitch Wire-to-Board PCB Receptacle, Vertical, 30 Circuits
5010834010 MOLEX1-5010834010_17 Datasheet
33Kb / 1P
   0.40mm Pitch Wire-to-Board PCB Receptacle, Vertical, 40 Circuits
5010834010 MOLEX11-5010834010 Datasheet
439Kb / 6P
   0.40mm (.016") Pitch Wire-to-Board PCB Receptacle, Vertical, 40 Circuits
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com