전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LH3330-H0-PF 데이터시트(PDF) 3 Page - LIGITEK electronics co., ltd.

부품명 LH3330-H0-PF
상세설명  ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LH3330-H0-PF 데이터시트(HTML) 3 Page - LIGITEK electronics co., ltd.

  LH3330-H0-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LH3330-H0-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LH3330-H0-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LH3330-H0-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LH3330-H0-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LH3330-H0-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Topr
-40 ~ +85
Operating Temperature
Typical Electrical & Optical Characteristics (Ta=25
)
Max.
Forward
voltage
@20mA(V)
2.6
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Red
Emitted
LH3330/H0-PF
GaP
PART NO
MATERIAL
Red Diffused
697
1.7
COLOR
Lens
Peak
wave
length
λPnm
Min.
Storage Temperature
Tstg
-40 ~ +100
8
4.5
40
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@
mA(mcd)
Typ.
10
Min.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
Forward Current
Parameter
Ir
PD
IFP
IF
Symbol
Absolute Maximum Ratings at Ta=25
PART NO.
μA
10
50
mW
20
60
mA
mA
H
UNIT
Page 2/5
LH3330/H0-PF
Spectral
halfwidth
Δλnm
90


유사한 부품 번호 - LH3330-H0-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LH3330-PF LIGITEK-LH3330-PF Datasheet
127Kb / 6P
   ROUND TYPE LED LAMPS
LH3330-PF-TRF-X LIGITEK-LH3330-PF-TRF-X Datasheet
152Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LH3330-TRS-X LIGITEK-LH3330-TRS-X Datasheet
118Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
More results

유사한 설명 - LH3330-H0-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com