전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P2202ACMC 데이터시트(PDF) 204 Page - Teccor Electronics

부품명 P2202ACMC
상세설명  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TECCOR [Teccor Electronics]
홈페이지  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC 데이터시트(HTML) 204 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 200Page - Teccor Electronics P2202ACMC Datasheet HTML 201Page - Teccor Electronics P2202ACMC Datasheet HTML 202Page - Teccor Electronics P2202ACMC Datasheet HTML 203Page - Teccor Electronics P2202ACMC Datasheet HTML 204Page - Teccor Electronics P2202ACMC Datasheet HTML 205Page - Teccor Electronics P2202ACMC Datasheet HTML 206Page - Teccor Electronics P2202ACMC Datasheet HTML 207Page - Teccor Electronics P2202ACMC Datasheet HTML 208Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 212 page
background image
Packing Options
http://www.teccor.com
6 - 14
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Packing Options
DO-214AA
Tape and reel packing options meet all specifications as set forth in EIA-481-1. Standard reel
pack quantity is 2500. Bulk pack quantity is 500.
The following illustration shows the DO-214AA component orientation for P0641S, P0721S,
P0901S, and P1101S:
The following illustration shows the modified DO-214 tape and reel:
3-lead
0.472
(12.0)
0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0) Arbor
Hole Dia.
12.99
(330.0)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape
CATHODE
0.472
(12.0)
0.374
(9.5)
0.315
(8 0)
0.157
(4.0)
Pin 2
Anode
Cthd
Gt
Di
i
i i h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More