| 전자부품 데이터시트 검색엔진 |
|
P3002ACMC 데이터시트(PDF) 101 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
P3002ACMC 데이터시트(HTML) 101 Page - Teccor Electronics |
|
101 / 212 page ![]() High Speed Transmission Equipment © 2002 Teccor Electronics 3 - 13 http://www.teccor.com SIDACtor® Data Book and Design Guide +1 972-580-7777 Figure 3.15 Pair Gain RT Protection Component Selection The “SC MC” SIDACtor device and F1250T TeleLink fuse were chosen because both components meet GR 1089 surge immunity requirements without the use of additional series resistance. An MC is chosen to reduce degradation of data rates. The voltage rating of the P1800SC MC was selected to ensure coordination with loop powering up to 150 V. The voltage rating of the P3100SC MC was selected to ensure coordination with POTS ringing and battery voltages. Tip Ring P3100SC MC U-Interface F1250T P3100SC MC F1250T F1250T CPE P3100SC MC Line 1 Line 2 CPE Interface Remote Terminal Interface Ring Detect Ring Trip Ring Forward Off-Hook Detection Power Sink |