전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P4802ACMC 데이터시트(PDF) 187 Page - Teccor Electronics

부품명 P4802ACMC
상세설명  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TECCOR [Teccor Electronics]
홈페이지  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC 데이터시트(HTML) 187 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 183Page - Teccor Electronics P4802ACMC Datasheet HTML 184Page - Teccor Electronics P4802ACMC Datasheet HTML 185Page - Teccor Electronics P4802ACMC Datasheet HTML 186Page - Teccor Electronics P4802ACMC Datasheet HTML 187Page - Teccor Electronics P4802ACMC Datasheet HTML 188Page - Teccor Electronics P4802ACMC Datasheet HTML 189Page - Teccor Electronics P4802ACMC Datasheet HTML 190Page - Teccor Electronics P4802ACMC Datasheet HTML 191Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 212 page
background image
TeleLink Fuse Soldering
© 2002 Teccor Electronics
5 - 25
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
TeleLink Fuse Soldering
For wave soldering a TeleLink fuse, the following temperature and time are recommended:
• Reservoir temperature of 260 °C (500 °F)
• Time in reservoir — three seconds maximum
For infrared, the following temperature and time are recommended:
• Temperature of 240 °C (464 °F)
• Time — 30 seconds maximum
Hand soldering is not recommended for this fuse because excessive heat can affect the
fuse performance. Hand soldering should be used only for rework and low volume samples.
Note the following recommendations for hand soldering:
• Maximum tip temperature of 240 °C (464 °F)
• Minimize the soldering time at temperature to achieve the solder joint. Measure the fuse
resistance before and after soldering. Any fuse that shifts more than ±3% should be
replaced. An increase in resistance above this amount increases the possibility of a
surge failure, and a decrease in resistance may cause low overloads to exceed the
maximum opening times.
• Inspect the solder joint to ensure an adequate solder fillet has been produced without
any cracks or visible defects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com