전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N575F145 데이터시트(PDF) 16 Page - List of Unclassifed Manufacturers

부품명 N575F145
상세설명  system-on-chip product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

N575F145 데이터시트(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button N575F145 Datasheet HTML 12Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 13Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 14Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 15Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 16Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 17Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 18Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 19Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
N575F145 Data Sheet
Release Date: Sep. 2015
- 16 -
Version A1.1
Input Current PA, PB
(Quasi-bidirectional mode)
IIN1
-60
-
+15
A
VDD = 5.5V, VIN = 0V or VIN=VDD
Input Current at /RESET
[1]
IIN2
-55
-45
-30
A
VDD = 3.3V, VIN = 0.45V
Input Leakage Current PA, PB
ILK
-2
-
+2
A
VDD = 5.5V, 0<VIN<VDD
Logic 1 to 0 Transition Current
PA~PB (Quasi-bidirectional
mode)
ITL
[3]
-650
-
-200
A
VDD = 5.5V, VIN<2.0V
Input Low Voltage PA, PB (TTL
input)
VIL1
-0.3
-
0.8
V
VDD = 4.5V
-0.3
-
0.6
VDD = 2.5V
Input High Voltage PA, PB (TTL
input)
VIH1
2.0
-
VDD
+0.2
V
VDD = 5.5V
1.5
-
VDD
+0.2
VDD =3.0V
Input Low Voltage XT1
[*2]
VIL3
0
-
0.8
V
VDD = 4.5V
0
-
0.4
VDD = 3.0V
Input High Voltage XT1
[*2]
VIH3
3.5
-
VDD
+0.2
V
VDD = 5.5V
2.4
-
VDD
+0.2
VDD = 3.0V
Input Low Voltage X32I
[*2]
VIL4
0
-
0.4
V
Input High Voltage X32I
[*2]
VIH4
1.7
2.5
V
Negative going threshold
(Schmitt input), /REST
VILS
-0.5
-
0.3VDD
V
Positive going threshold
(Schmitt input), /REST
VIHS
0.7VDD
-
VDD+0.
5
V
Hysteresis voltage of
PA~PB(Schmitt input)
VHY
0.2VDD
V


유사한 부품 번호 - N575F145

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
N575F145 NUVOTON-N575F145 Datasheet
695Kb / 21P
The N575F145 is a system-on-chip product optimized for low power, audio record and playback with an embedded ARM짰 Cortex??M0 32-bit microcontroller core.
More results

유사한 설명 - N575F145

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575C145 ETC2-N575C145 Datasheet
613Kb / 23P
system-on-chip product optimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com