전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N575F145 데이터시트(PDF) 18 Page - List of Unclassifed Manufacturers

부품명 N575F145
상세설명  system-on-chip product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

N575F145 데이터시트(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button N575F145 Datasheet HTML 13Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 14Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 15Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 16Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 17Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 18Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 19Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 20Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
N575F145 Data Sheet
Release Date: Sep. 2015
- 18 -
Version A1.1
6.3
AC Electrical Characteristics
6.3.1
External 32 KHz XTAL Oscillator
Parameter
Condition
Min
Typ
Max
Unit
Input clock frequency
External crystal
-
32.768
-
KHz
Temperature
-
-40
-
85
VDD
-
2.4
-
5.5
V
6.3.2
Internal 49.152 MHz Oscillator
Parameter
Condition
Min
Typ
Max
Unit
Supply voltage
[1]
-
2.4
-
5.5
V
Center Frequency
-
-
49.152
MHz
Calibrated Internal Oscillator
Frequency
+25
C; V
DD =5V
-1
-
1
%
-40
C ~ +85C;
VDD=2.5V~5.5V
-4
-
4
%
6.3.3
Internal 16 KHz Oscillator
Parameter
Condition
Min
Typ
Max
Unit
Supply voltage
-
2.4
-
5.5
V
Center Frequency
-
-
10
-
KHz
Calibrated Internal Oscillator
Frequency
+25
C; V
DD =5V
-10
-
10
%
-40
C ~ +85C;
VDD=2.5V~5.5V
-20
-
20
%
Notes:
*1. Internal operation voltage comes from LDO.
6.3.4
Reset Characteristics
(VDD-VSS=5V, TA = 25
C, FOSC = 49.152 MHz unless otherwise specified.)
Parameter No.
Parameter
Parameter Name
Min
Typ
Max
Unit
R1
VTH
Reset threshold
1
1.7
2
V
R2
TVDDRISE
Supply voltage (VDD) rise time (0V-5V),
power on reset
-
-
100
ms
R3
TPOR
Power-On Reset timeout
-
-
12
µs
R4
TIRPOR
Internal reset timeout after POR
-
-
45
µs
R5
TMIN
Minimum RESETN pulse width
100
-
-
ns
R6
TIRHWR
Internal reset timeout after hardware
reset (RESETN pin)
-
-
20
µs


유사한 부품 번호 - N575F145

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
N575F145 NUVOTON-N575F145 Datasheet
695Kb / 21P
The N575F145 is a system-on-chip product optimized for low power, audio record and playback with an embedded ARM짰 Cortex??M0 32-bit microcontroller core.
More results

유사한 설명 - N575F145

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575C145 ETC2-N575C145 Datasheet
613Kb / 23P
system-on-chip product optimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com