전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N575F145 데이터시트(PDF) 19 Page - List of Unclassifed Manufacturers

부품명 N575F145
상세설명  system-on-chip product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

N575F145 데이터시트(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button N575F145 Datasheet HTML 13Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 14Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 15Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 16Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 17Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 18Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 19Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 20Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
N575F145 Data Sheet
Release Date: Sep. 2015
- 19 -
Version A1.1
R7
TIRSWR
Internal reset timeout after software-
initiated system reset
-
-
2
µs
R8
TIRWDR
Internal reset timeout after watchdog
reset
-
-
3 *
2
µs
*Notes:
2. It will be 6500us when use OSC_10K as the WDG clock.
6.3.4.1
Power-On Reset Timing
R3
R4
R1
VCCD
POR
(Internal)
Reset
(Internal)
R2
6.3.4.2
External Reset Timing (RESETN)
Reset
(Internal)
RESETN
R5
R6
6.3.4.3
Software Reset Timing
Reset
(Internal)
SW Reset
R7
6.3.4.4
Watchdog Reset Timing
Reset
(Internal)
WDOG Reset
(Internal)
R8


유사한 부품 번호 - N575F145

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
N575F145 NUVOTON-N575F145 Datasheet
695Kb / 21P
The N575F145 is a system-on-chip product optimized for low power, audio record and playback with an embedded ARM짰 Cortex??M0 32-bit microcontroller core.
More results

유사한 설명 - N575F145

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575C145 ETC2-N575C145 Datasheet
613Kb / 23P
system-on-chip product optimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com