전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N575F145 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 N575F145
상세설명  system-on-chip product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

N575F145 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  N575F145 Datasheet HTML 1Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 2Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 3Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 4Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 5Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 6Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 7Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 8Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
N575F145 Data Sheet
Release Date: Sep. 2015
- 2 -
Version A1.1
T a b l e o f C o n t e n t s
1
G E N E R A L D E S C R I P T I O N ................................ ..................... 3
2
F E A T U R E S ................................ ................................ ........ 4
3
P A D D E S C R I P T I O N ................................ ............................. 7
4
B L O C K D I A G R A M ................................ ............................. 11
5
A P P L I C A T I O N D I A G R A M ................................ ................... 12
6
E L E C T R I C A L C H A R A C T E R I S T I C S ................................ ....... 13
6.1
A b s o l u t e M a x i m u m R a t i n g s ................................ .............. 13
6.2
D C E l e c t r i c a l C h a r a c t e r i s t i c s ................................ ........... 14
6.3
A C E l e c t r i c a l C h a r a c t e r i s t i c s ................................ ........... 18
6.3.1
E x t e r n a l 3 2 K H z X T A L O s c i l l a t o r ............................. 18
6.3.2
I n t e r n a l 4 9 . 1 5 2 M H z O s c i l l a t o r ................................ 18
6.3.3
I n t e r n a l 1 6 K H z O s c i l l a t o r ................................ ...... 18
6.3.4
R e s e t C h a r a c t e r i s t i c s ................................ ............ 18
7
O R D E R I N G I N F O R M A T I O N ................................ ................. 20
8
R E V I S I O N H I S T O R Y ................................ .......................... 20


유사한 부품 번호 - N575F145

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
N575F145 NUVOTON-N575F145 Datasheet
695Kb / 21P
The N575F145 is a system-on-chip product optimized for low power, audio record and playback with an embedded ARM짰 Cortex??M0 32-bit microcontroller core.
More results

유사한 설명 - N575F145

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575C145 ETC2-N575C145 Datasheet
613Kb / 23P
system-on-chip product optimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com