전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N575F145 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 N575F145
상세설명  system-on-chip product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

N575F145 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  N575F145 Datasheet HTML 1Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 2Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 3Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 4Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 5Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 6Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 7Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 8Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
N575F145 Data Sheet
Release Date: Sep. 2015
- 5 -
Version A1.1
92 dB Signal-to-Noise (SNR) performance.
Programmable gain amplifier with 32 steps from -12 to 35.25 dB in 0.75 dB steps.
Boost gain stage of 26 dB, giving maximum total gain of 61 dB.
Input selectable from dedicated MIC pins or analog enabled GPIO.
Programmable biquad filter to support multiple sample rates from 8 ~ 32 KHz.
DMA support for minimal CPU intervention.
Differential Audio PWM Output (DPWM)
Direct connection of speaker
1W drive capability in
to 8Ω load
Configurable up-sampling to support sample rates from 8 ~ 32 KHz
DMA support for minimal CPU intervention.
Timers
Two timers with 8-bit pre-scalar and 24-bit resolution.
Counter auto reload.
Watch Dog Timer
Default ON/OFF by configuration setting
Multiple clock sources
8 selectable time out period from micro seconds to seconds (depending on clock source)
WDT can wake up power down/sleep.
Interrupt or reset selectable on watchdog time-out.
RTC
Real Time Clock counter (second, minute, hour) and calendar counter (day, month, year)
Alarm registers (second, minute, hour, day, month, year)
Selectable 12-hour or 24-hour mode
Automatic leap year recognition
Time tick and alarm interrupts.
Device wake up function.
Supports software compensation of crystal frequency by compensation register (FCR)
PWM/Capture
Built-in up to two 16-bit PWM generators provide two PWM outputs or one complementary
paired PWM outputs.
The PWM generator equipped with a clock source selector, a clock divider, an 8-bit pre-scaler
and Dead-Zone generator for complementary paired PWM.
PWM interrupt synchronous to PWM period.
16-bit digital Capture timers (shared with PWM timers) provide rising/falling capture inputs.
Support Capture interrupt
UART
UART ports with flow control (TX, RX, CTS and RTS)
8-Byte FIFO.
Support IrDA (SIR) and LIN function
Programmable baud-rate generator up to 1/16 of system clock.
SPI
Master up to 20 Mbps / Slave up to 10 Mbps.
Support MICROWIRE/SPI master/slave mode (SSP)
Full duplex synchronous serial data transfer
Variable length of transfer data from 1 to 32 bits
MSB or LSB first data transfer
2 slave/device select lines when used in master mode.
Hardware CRC calculation module available for CRC calculation of data stream.


유사한 부품 번호 - N575F145

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
N575F145 NUVOTON-N575F145 Datasheet
695Kb / 21P
The N575F145 is a system-on-chip product optimized for low power, audio record and playback with an embedded ARM짰 Cortex??M0 32-bit microcontroller core.
More results

유사한 설명 - N575F145

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575C145 ETC2-N575C145 Datasheet
613Kb / 23P
system-on-chip product optimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com