전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4001 데이터시트(PDF) 1 Page - Formosa MS

부품명 1N4001
상세설명  Axial Leaded General Purpose Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N4001 데이터시트(HTML) 1 Page - Formosa MS

  1N4001_17 Datasheet HTML 1Page - Formosa MS 1N4001_17 Datasheet HTML 2Page - Formosa MS 1N4001_17 Datasheet HTML 3Page - Formosa MS 1N4001_17 Datasheet HTML 4Page - Formosa MS 1N4001_17 Datasheet HTML 5Page - Formosa MS 1N4001_17 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2
2
2
2
3
4
4
4
5
6
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings ..............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Taping & bulk specifications for AXIAL devices....................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
Page 1
Formosa MS
1N4001 THRU 1N4007
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222111
2008/02/10
2010/03/10
C
6
Axial Leaded General Purpose Rectifiers


유사한 부품 번호 - 1N4001_17

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
1N4001 LUGUANG-1N4001_17 Datasheet
1Mb / 2P
1.0 AMP. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N4001 YANGJIE-1N4001_17 Datasheet
207Kb / 4P
General Purpose Rectifier
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_17 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
More results

유사한 설명 - 1N4001_17

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
1N4245 NJSEMI-1N4245 Datasheet
143Kb / 1P
2.5 AMPERE RATED, AXIAL-LEADED, GENERAL PURPOSE RECTIFIERS.
logo
Formosa MS
1N4001 FORMOSA-1N4001 Datasheet
136Kb / 6P
1.0A Axial LEaded General Purpose Rectifiers - 50V0 1000V
1N5400 FORMOSA-1N5400 Datasheet
142Kb / 6P
Axial Leaded General Purpose Rectifiers
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
Axial Leaded General Purpose Rectifiers
10A05 FORMOSA-10A05 Datasheet
177Kb / 6P
Axial Leaded General Purpose Rectifiers
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
Axial Leaded Rectifiers
logo
Formosa MS
1N4001G FORMOSA-1N4001G_17 Datasheet
98Kb / 6P
Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
Axial Leaded General Purpose Rectifiers
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
Axial Leaded General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com