| 전자부품 데이터시트 검색엔진 |
|
MPXM2102AST1 데이터시트(PDF) 129 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AST1 데이터시트(HTML) 129 Page - Motorola, Inc |
|
129 / 670 page ![]() AN1635 2–93 Motorola Sensor Device Data www.motorola.com/semiconductors Figure 4a. Accelerometers, Buffer Op–Amps, and Comparator Network ST ACCELEROMETER ST ST VDD VSS VOUT U1 4 8 7 VCC C1 0.1 mF 5 R1 1 k Ω C5 0.01 mF + – U5 3 2 4 7 VCC MC33201 6 + – U9 2 3 8 VCC VCC R5 10 k Ω R6 1 k Ω PA2/IC1 C9 0.01 mF PE4/AN4 4 1 LM311 7 ST ST ST VDD VSS VOUT U2 4 8 7 VCC C2 0.1 mF 5 R2 1 k Ω C6 0.01 mF + – U6 3 2 4 7 VCC MC33201 6 + – U10 2 3 8 VCC PE5/AN5 4 1 LM311 7 ST ST ST VDD VSS VOUT U3 4 8 7 VCC C3 0.1 mF 5 R3 1 k Ω C7 0.01 mF + – U7 3 2 4 7 VCC MC33201 6 + – U11 2 3 8 VCC PE6/AN6 4 1 LM311 7 ST ST ST VDD VSS VOUT U4 4 8 7 VCC C4 0.1 mF 5 R4 1 k Ω C8 0.01 mF + – U8 3 2 4 7 VCC MC33201 6 + – U12 2 3 8 VCC PE7/AN7 4 1 LM311 7 C10 1 mF VCC R7 20 k Ω ACCELEROMETER ACCELEROMETER ACCELEROMETER Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |