| 전자부품 데이터시트 검색엔진 |
|
ST92F120JR9Q6 데이터시트(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120JR9Q6 데이터시트(HTML) 121 Page - STMicroelectronics |
|
121 / 324 page ![]() 121/324 ST92F120 - I/O PORTS INPUT/OUTPUT BIT CONFIGURATION (Cont’d) Figure 63. Basic Structure of an I/O Port Pin Figure 64. Input Configuration n n Figure 65. Output Configuration n OUTPUT SLAVE LATCH OUTPUT MASTER LATCH INPUT LATCH INTERNAL DATA BUS I/O PIN PUSH-PULL TRISTATE OPEN DRAIN WEAK PULL-UP FROM PERIPHERAL OUTPUT OUTPUT INPUT BIDIRECTIONAL ALTERNATE FUNCTION TO PERIPHERAL INPUTS AND TTL / CMOS (or Schmitt Trigger) INTERRUPTS ALTERNATE FUNCTION INPUT OUTPUT BIDIRECTIONAL OUTPUT MASTER LATCH INPUT LATCH OUTPUT SLAVE LATCH INTERNAL DATA BUS I/O PIN TRISTATE TO PERIPHERAL INPUTS AND TTL / CMOS (or Schmitt Trigger) INTERRUPTS OUTPUT MASTER LATCH INPUT LATCH OUTPUT SLAVE LATCH INTERNAL DATA BUS I/O PIN OPEN DRAIN TTL (or Schmitt Trigger) PUSH-PULL TO PERIPHERAL INPUTS AND INTERRUPTS 9 |