전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE15A3037 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE15A3037
상세설명  TECHNICAL DATA SHEET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3037 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A3037 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TECHNICAL DATA SHEET
The PE15A3037 Broadband Benchtop Amplifier operates across an extremely wide frequency band from 0.01 to 15 GHz. The
design utilizes GaAs PHEMT MMIC technology for high efficiency and high linearity. Typical performance includes 12 dB of
small signal gain, +37 dBm output IP3, and +28 dBm of P1dB. The design exhibits a very flat gain response across the entire
frequency band. Input/output ports are matched for 50 ohms and are AC coupled. The design also incorporates integrated
bias sequencing circuitry and voltage regulators to allow for flexible biasing for both the negative and positive voltage supplies.
The Bench Top package is hermetically sealed with field replaceable SMA connectors and comes with a heat sink. And this
rugged package assembly is designed to meet MIL-STD-883 test conditions for Hermeticity and Temperature Cycle.
Features
Benchtop Wideband Power Amplifier
Extremely Wide Frequency Band
GaAs PHEMT MMIC Technology
Gain 12 dB typ
High Output IP3 +37 dBm
P1dB +28 dBm
Regulated Supply and Bias Sequencing
Hermetically Sealed Module
Integral Heatsink
Mil Spec Compliant
Field Replaceable SMA Connectors
0°C to +85°C Operating Temperature
Applications
Electronic Warfare
Electronic Countermeasures
OC192 Fiber Optic
Optical Modulator Driver
Applications
Microwave Radio
VSAT
• Radar
Space Systems
Test Instrumentation
Telecom Infrastructure
Electrical Specifications (TA= 25°C, VDC1 = 16 Vdc, VDC2 = -12 Vdc)
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.01
15
GHz
Gain
12
dB
Output at 1 dB Compression Point
+28
dBm
Operating DC Voltage 1
16
Volts
.
Operating DC Voltage 2
-12
Volts
.
Operating Temperature Range (OTR)
0
+85
°C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 600 mW P1dB, 10 MHz to 15 GHz, Medium Power Broadband Amplifier, Bench-Top, 12 dB
Gain, SMA PE15A3037
PE15A3037
PE15A3037 REV 1.0
600 mW P1dB, 10 MHz to 15 GHz, Medium Power
Broadband Amplifier, Bench-Top, 12 dB Gain, SMA


유사한 부품 번호 - PE15A3037

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3036 PASTERNACK-PE15A3036 Datasheet
871Kb / 8P
TECHNICAL DATA SHEET
PE15A3038 PASTERNACK-PE15A3038 Datasheet
547Kb / 8P
TECHNICAL DATA SHEET
More results

유사한 설명 - PE15A3037

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com