전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE15A3038 데이터시트(PDF) 3 Page - Pasternack Enterprises, Inc.

부품명 PE15A3038
상세설명  TECHNICAL DATA SHEET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3038 데이터시트(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A3038 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3038 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3038 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3038 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3038 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3038 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A3038 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A3038 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TECHNICAL DATA SHEET
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +150 deg C
.
Temperature Cycling
MIL-STD-883, Method 101C, Cond B
Hermetic Seal
Gross Leak MIL-STD-883 Method 1014C1/Fine Leak
MIL-STD-883, Method 1014A2, 5 x 10-8 atm cc
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE15A3038
PE15A3038 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 18 dBm P1dB, 2 GHz to 35 GHz, Medium Power Broadband Amplifier, 12 dB Gain, 2.92mm
PE15A3038
18 dBm P1dB, 2 GHz to 35 GHz, Medium Power
Broadband Amplifier, 12 dB Gain, 2.92mm


유사한 부품 번호 - PE15A3038

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3036 PASTERNACK-PE15A3036 Datasheet
871Kb / 8P
   TECHNICAL DATA SHEET
PE15A3037 PASTERNACK-PE15A3037 Datasheet
540Kb / 8P
   TECHNICAL DATA SHEET
More results

유사한 설명 - PE15A3038

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com