전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7-104872596-072 데이터시트(PDF) 1 Page - Virginia Panel Corporation

부품명 7-104872596-072
상세설명  Signal Patchcord, Receiver, TriPaddle, 36", USB 2.0 Wire, to USB Type A Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VPC [Virginia Panel Corporation]
홈페이지  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

7-104872596-072 데이터시트(HTML) 1 Page - Virginia Panel Corporation

  7-104872596-072 Datasheet HTML 1Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
4
3
2
1
 
D
D
C
C
B
B
A
A
 
4
3
2
1
 
DRAWING NOT TO SCALE
FOR REFERENCE ONLY
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF VIRGINIA PANEL CORPORATION
AND IS SUBMITTED FOR USE BY THE CUSTOMER ONLY. THE DATA SHALL NOT BE DUPLICATED, USED OR
DISCLOSED IN WHOLE OR IN PART FOR ANY PURPOSE OTHER THAN TO MAINTAIN THE EQUIPMENT
PROVIDED. CONSULT WITH VIRGINIA PANEL CORPORATION ENGINEERING IF MORE DETAIL IS REQUIRED.
[1829]
72
5.
Maximum Operating Current = 1.5 Amps
USB 2.0 TYPE A PLUG
USB 2.0 WIRE - 2.5" WIRE BREAKOUT
610110101 - SIGNAL, RECEIVER, TRIPADDLE, 7 AMP, 20-24 AWG, 30U GOLD
1.
FOR APPLICATION USE AND CARE INFORMATION CONSULT VPC USERS MANUAL @ WWW.VPC.COM
NOTES:
CUSTOMER DRAWING
VIRGINIA PANEL CORPORATION
WWW.VPC.COM
Signal Patchcord, Receiver, TriPaddle, 72", USB 2.0 Wire, to
USB Type A Plug, (1.5 Amps)
DIMENSIONS ARE SHOWN AS
[MILLIMETERS]
INCHES
SIZE
A
CAGE CODE
18117
                    PART# 7-104872596-072
SCALE: NONE
DATE: 01/01/2018
SHEET 1 OF 1


유사한 부품 번호 - 7-104872596-072

제조업체부품명데이터시트상세설명
logo
Virginia Panel Corporat...
7-104872596-036 VPC-7-104872596-036 Datasheet
89Kb / 1P
   Signal Patchcord, Receiver, TriPaddle, 36", USB 2.0 Wire, to USB Type A Plug
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com