전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

510109206 데이터시트(PDF) 1 Page - Virginia Panel Corporation

부품명 510109206
상세설명  MODULE HDR 60 POSITION RT ANG COMP PIN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VPC [Virginia Panel Corporation]
홈페이지  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

510109206 데이터시트(HTML) 1 Page - Virginia Panel Corporation

  510109206 Datasheet HTML 1Page - Virginia Panel Corporation 510109206 Datasheet HTML 2Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.046 COMPLIANT PIN
TYP. 60 PLCS.
TIN PLATED SEE NOTE 3
28.40
1.12
14.86
.59
.695
17.65
3.12
.123
1.00
25.45
CONTACT PINS
.025 [0.64] SQ. POSTS
GOLD PLATED
SEE NOTE 3
2. BAG (1) M2 X 8 PAN HEAD PHILLIPS SCREW TO BE INCLUDED WITH HEADER
5. SEE SHEET 2 FOR NOTE.
OF NICKEL
3. HEADER CONTACT PINS PLATED 30 MIN. MICROINCHES OF GOLD OVER
100 MIN. MICROINCHES OF NICKEL. THE COMPLIANT PINS PLATED
100-200 MICROINCHES OF TIN OVER 50 MIN. MICROINCHES
6. SEE SHEET 2 FOR NOTE.
4. CONTINUOUS MAX. CARRY CURRENT 5 AMPS
DWG.NO.
REV
DESCRIPTION
REVISIONS
DATE
ENGR
A
DO NOT SCALE DRAWING
B
C
D
A
B
C
D
4
3
2
1
4
3
2
1
B
NOTES:
1. FOR APPLICATION USE & CARE INFORMATION CONSULT VPC USERS GUIDE @WWW.VPC.COM
J SHAND
9/9/2014
ECN #5477
7/12/11
C
INCHES
DIMENSIONS ARE SHOWN AS:
510109206
SHEET
1 OF 2
REV
PROVIDED. CONSULT WITH VIRGINIA PANEL CORPORATION ENGINEERING IF MORE DETAIL IS REQUIRED.
510109206
CUSTOMER DRAWING
WWW.VPC.COM
B
MODULE HDR 60 POSITION
18117
CAGE CODE
SIZE
VIRGINIA PANEL CORPORATION
3:1
SCALE:
OR DISCLOSED IN WHOLE OR IN PART FOR ANY PURPOSE OTHER THAN TO MAINTAIN THE EQUIPMENT
AND IS SUBMITTEDFOR USE BY THE CUSTOMER ONLY. THE DATA SHALL NOT BE DUPLICATED, USED,
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF VIRGINIA PANEL CORPORATION
[MILLIMETERS]
RT ANG COMP PIN


유사한 부품 번호 - 510109206

제조업체부품명데이터시트상세설명
logo
Virginia Panel Corporat...
510109206 VPC-510109206 Datasheet
1Mb / 3P
i2 MICRO iCON PCB ASSEMBLY
More results

유사한 설명 - 510109206

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
1734344-1 MACOM-1734344-1 Datasheet
404Kb / 3P
RCPT ASM, SZ 1, 15POSN, RT ANG, FRONT METAL, SHELL AMPLIMITE HD-22
logo
Littelfuse
03540506Z LITTELFUSE-03540506Z Datasheet
202Kb / 1P
1-Position ISO Relay Module Alternative for: 3 pin flasher module
logo
Molex Electronics Ltd.
0437590001 MOLEX11-0437590001 Datasheet
180Kb / 2P
SELECTVELY-LADED DUAL ROW, RT. ANG. HDR. (MAKE FIRST/BREAK LAST)
logo
Winchester Electronics ...
3156-8-101 WINCHESTER-3156-8-101 Datasheet
64Kb / 1P
7-16, PLUG RT ANG
logo
Virginia Panel Corporat...
510109204 VPC-510109204 Datasheet
173Kb / 2P
MODULE HDR 84 POSITION RT ANG COMP PIN
logo
Harwin Plc
M22-2540205 HARWIN-M22-2540205 Datasheet
56Kb / 1P
2.00m PITCH DIL HORIZONTAL PC TAIL PIN HDR
logo
TE Connectivity Ltd
C-2029030 TEC-C-2029030 Datasheet
151Kb / 1P
RT ANG SURF MNT HDR ASSY,SGL LATCH, TIN POSTS,SURF MOUNT HOLDDOWNS, SINGLE ROW, MICRO MATE-N-LOK(TM)
C-2029104 TEC-C-2029104 Datasheet
136Kb / 1P
RT ANG SURF MNT HDR ASSY,SGL LATCH, TIN POSTS,SURF MOUNT HOLDDOWNS, SINGLE ROW, MICRO MATE-N-LOK(TM)
logo
Molex Electronics Ltd.
010883041 MOLEX-010883041 Datasheet
132Kb / 4P
RT. ANG. WAFER ASSY 2.54/00 GRID, DUAL ROW BREAKAWAY 0.64/.025 PINS
2010/10/06
437590001 MOLEX-437590001 Datasheet
328Kb / 4P
SELECTIVELY-LOADED DUAL ROW, RT. ANG. HDR. (MAKE FIRST/BREAK LAST)
5/20/96
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com