전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F13381 데이터시트(PDF) 219 Page - Ledil, Inc.

부품명 F13381
상세설명  Angela series
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13381 데이터시트(HTML) 219 Page - Ledil, Inc.

Back Button F13381 Datasheet HTML 211Page - Ledil, Inc. F13381 Datasheet HTML 212Page - Ledil, Inc. F13381 Datasheet HTML 213Page - Ledil, Inc. F13381 Datasheet HTML 214Page - Ledil, Inc. F13381 Datasheet HTML 215Page - Ledil, Inc. F13381 Datasheet HTML 216Page - Ledil, Inc. F13381 Datasheet HTML 217Page - Ledil, Inc. F13381 Datasheet HTML 218Page - Ledil, Inc. F13381 Datasheet HTML 219Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 219 / 219 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More