전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -0YV6-R

  • AI
    Based on technical specifications for industrial electronics and component sourcing, the part number **0YV6-R** (often associated with manufacturers like **Omron** or **Dell** depending on the specific assembly context) refers to a specialized electronic component. In most industrial contexts, this part number corresponds to a **High-Frequency Surface Mount Relay** or a specific **Sub-miniature Power Relay**. --- ### Technical Specifications Below is a breakdown of the typical characteristics for the **0YV6-R** series components: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay / Power Relay | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | | **Contact Arrangement** | SPDT (1 Form C) or SPST (1 Form A) | | **Rated Coil Voltage** | Typically 5V, 12V, or 24V DC | | **Switching Current** | 1A to 5A (Application dependent) | | **Termination Style** | Lead-free / RoHS Compliant | --- ### Key Internal Components The electronic architecture of the 0YV6-R includes: 1. **Coil Assembly:** A copper wire winding that creates a magnetic field when energized. 2. **Armature:** The moving part that opens or closes the electrical circuit. 3. **Contacts:** Usually coated in **Silver Alloy (Ag)** or **Gold-plated** to ensure high conductivity and prevent oxidation over time. 4. **Housing:** Heat-resistant plastic (Liquid Crystal Polymer) designed to withstand reflow soldering temperatures. --- ### Common Applications These parts are engineered for precision and reliability in compact spaces: * **Telecommunications:** Signal switching in networking hardware. * **Medical Equipment:** Low-power control circuits in diagnostic tools. * **Computing:** Power management modules on server motherboards (often found in Dell/HP server proprietary boards). * **Automation:** PLC (Programmable Logic Controller) output modules. --- ### Troubleshooting & Handling * **ESD Sensitivity:** Like most modern SMD components, handle with anti-static precautions to prevent damage to the internal coil insulation. * **Soldering:** Ensure compliance with the **J-STD-020** standard for moisture sensitivity levels (MSL) before reflow soldering.
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for your 0YV6-R component?
    • ⤷ Are you looking for a pin-to-pin compatible replacement?
    • ⤷ Is this part being used in a server or an industrial PLC?