전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -10-3000-R

  • AI
    The part number **10-3000-R** typically refers to a specialized high-performance electronic component, most commonly identified as a **high-frequency transformer** or an **inductor** used in power management systems. Below is a detailed breakdown of the technical specifications, applications, and features of this component. --- ### 1. General Specifications While specific manufacturers (like *Pulse Electronics* or *Coilcraft*) may have slight variations, a "10-3000-R" part generally fits into the following category: | Feature | Specification (Standard) | | :--- | :--- | | **Component Type** | Power Inductor / SMT Transformer | | **Inductance / Rating** | Variable (often related to 3000mA or 3.0uH depending on series) | | **RoHS Status** | Compliant (The "-R" suffix typically denotes RoHS Compliance) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Technical Features * **Low Core Loss:** Designed with ferrite materials that minimize energy waste during high-frequency switching. * **High Saturation Current:** Engineered to handle high current spikes without the magnetic field collapsing (saturating). * **Shielded Construction:** Most modern versions are magnetically shielded to prevent Electromagnetic Interference (EMI) with surrounding components on the PCB. * **Compact Footprint:** Optimized for high-density circuit boards, common in mobile and industrial electronics. --- ### 3. Common Applications Components with this designation are frequently used in the following circuits: 1. **DC-DC Converters:** Used as a storage element to step up or step down voltages efficiently. 2. **LED Drivers:** Provides stable current regulation for high-brightness LED arrays. 3. **Power Supplies (SMPS):** Found in Switch Mode Power Supplies for laptops, servers, and networking equipment. 4. **Noise Filtering:** Acts as a choke to filter out high-frequency noise from power lines. --- ### 4. Meaning of the Suffixes * **"10"**: Often denotes the series size or a specific base electrical characteristic. * **"3000"**: Usually represents the value (e.g., 3000 microhenries or 3000mA current rating) or the specific model sequence. * **"-R"**: This is a critical industry standard suffix indicating **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. --- ### 5. Identification Check If you are looking at a specific physical part, check for the manufacturer's logo. If it is from **Pulse Electronics**, it is likely a Power Transformer used in telecommunications. If it is from a generic hardware supplier, it may be a **Flat Flex Cable (FFC)** connector or a specific **fastener/spacer** used in electronic enclosures.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produced your specific 10-3000-R part?
    • ⤷ Are you looking for a datasheet or a direct replacement/equivalent?
    • ⤷ Is this part being used in a power supply or a data communication circuit?